Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM7210IMSE/V Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM7210IMSE/V
Description  Top Port Digital Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7210IMSE/V Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM7210IMSE/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM7210IMSE/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM7210IMSE/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM7210IMSE/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM7210IMSE/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM7210IMSE/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM7210IMSE/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM7210IMSE/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM7210IMSE/V Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
WM7210
Preliminary Technical Data
w
PTD, Rev 2.2, January 2012
10
PACKAGE DIMENSIONS
D
M
E
L
A
K
J
BOTTOM VIEW
TOP VIEW
0.1 C
0.1 C
0.05
-C-
C
SIDE VIEW
NOTES:
1. THE SEATING PLANE IS REPRESENTED BY PRIMARY DATUM -C-
2. THE DEVIATION FROM THE SEATING PLANE DUE TO WARPAGE OR TWIST IS SPECIFIED AS MAX 50
m (FLATNESS).
3. LID SHOULD BE PARALLEL TO THE SEATING PLANE ±50
m.
Y
U
H
F
MS5: PACKAGE 4.00 x 3.00 x 1.03 mm BODY
1
2 PNP Vacuum
Point
N
PIN1 CORNER
F
P
V
R
W
X
Symbols
MIN
NOM
MAX
NOTE
A
0.96
1.03
1.10
D
3.90
4.00
4.10
E
2.90
3.00
3.10
F
0.05
0.10
0.15
0.65
0.70
0.75
1.31
Dimensions (mm)
DM074.C
R 0.3
R 0.1
R 0.15
R 0.45
R 0.55
S
T
J
1.50
H
0.30
0.35
0.40
U
0.35
0.40
0.45
Y
0.90
0.95
1.00
K
1.50
N
1.10
L
2.75
M
3.75
P
0.35
0.40
0.45
V
0.30
0.35
0.40
R
0.35
0.40
0.45
W
0.40
0.45
0.50
X
0.35
0.40
0.45
S
0.76
0.79
0.82
T
0.64
PNP
Vacuum Point
Gasket Area
1
2
1.35
1.65
0.61
0.67
1.35
1.65
0.30 X 45
°
1
2
43
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com