Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM7220IMS/RV Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM7220IMS/RV
Description  Top Port Digital Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7220IMS/RV Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM7220IMS/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM7220IMS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM7220IMS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM7220IMS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM7220IMS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM7220IMS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM7220IMS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM7220IMS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM7220IMS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
WM7220
Preliminary Technical Data
w
PTD, Rev 2.3, December 2011
12
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
14/5/09
1.0
03/03/10
1.1
21/10/10
2.0
27/1/11
2.1
PH
Top Port’ added to device title
Degrees symbol corrected in Ordering Information
ENL abbreviation deleted from Electrical Characteristics
Acoustic and Electrical Characteristics terminology updated
Decoupling capacitor requirement described in ‘Connection to a Wolfson Audio
CODEC’ section
21/2/11
2.1
KC
Updated the front page package height.
Updated the LRSEL description, timing diagram and notes for the rising and
falling edge of CLK signal with respect to LRSEL.
Updated the input capacitance
Updated the start up timing,
Updated the acoustic and electrical characteristic (+3dB frequency response,
acoustic noise floor, PSR to –ve value)
Updated sleep mode current typical value 2uA
Updated the frequency response curve and THD
29/06/11
2.2
KC
Updated figure 3 with elongated pin 6
05/12/11
2.3
KC
Introduced E variant with sensitivity tolerance +/- 1dB
Added E variant ordering info.
Added voltage range digital input
Updated CODEC to WM8994
Added reference to WAN_0273.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com