Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912GEFL/RV Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8912GEFL/RV
Description  Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8912GEFL/RV Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8912GEFL/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8912GEFL/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8912GEFL/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8912GEFL/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8912GEFL/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8912GEFL/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8912GEFL/RV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8912GEFL/RV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8912GEFL/RV Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 128 page
background image
Production Data
WM8912
w
PD, Rev 4.0, September 2010
85
WSEQ_DATA is an 8-bit field which contains the data to be written to the selected Control Register.
The WSEQ_DATA_WIDTH field determines how many of these bits are written to the selected
register; the most significant bits (above the number indicated by WSEQ_DATA_WIDTH) are
ignored.
WSEQ_DELAY is a 4-bit field which controls the waiting time between the current step and the next
step in the sequence. The total delay time per step (including execution) is given by:
T = k × (2
WSEQ_DELAY + 8)
where k = 62.5
μs (under recommended operating conditions)
This gives a useful range of execution/delay times from 562
μs up to 2.048s per step.
WSEQ_EOS is a 1-bit field which indicates the End of Sequence. If this bit is set, then the Control
Write Sequencer will automatically stop after this step has been executed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R108 (6Ch)
Write
Sequencer
0
4:0
WSEQ_WRITE_
INDEX [4:0]
0_0000
Sequence Write Index. This is the
memory location to which any updates
to R109 and R110 will be copied.
0 to 31 = RAM addresses
R109 (6Dh)
Write
Sequencer
1
14:12
WSEQ_DATA_
WIDTH [2:0]
000
Width of the data block written in this
sequence step.
000 = 1 bit
001 = 2 bits
010 = 3 bits
011 = 4 bits
100 = 5 bits
101 = 6 bits
110 = 7 bits
111 = 8 bits
11:8
WSEQ_DATA_
START [3:0]
0000
Bit position of the LSB of the data
block written in this sequence step.
0000 = Bit 0
…
1111 = Bit 15
7:0
WSEQ_ADDR
[7:0]
0000_000
0
Control Register Address to be written
to in this sequence step.
R110 (6Eh)
Write
Sequencer
2
14
WSEQ_EOS
0
End of Sequence flag. This bit
indicates whether the Control Write
Sequencer should stop after executing
this step.
0 = Not end of sequence
1 = End of sequence (Stop the
sequencer after this step).
11:8
WSEQ_DELAY
[3:0]
0000
Time delay after executing this step.
Total delay time per step (including
execution)=
62.5μs × (2^WSEQ_DELAY + 8)
7:0
WSEQ_DATA
[7:0]
0000_000
0
Data to be written in this sequence
step. When the data width is less than
8 bits, then one or more of the MSBs
of WSEQ_DATA are ignored. It is
recommended that unused bits be set
to 0.
Table 57 Write Sequencer Control - Programming a Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com