Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM7230IMSE/V Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM7230IMSE/V
Description  Bottom Port Digital Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7230IMSE/V Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM7230IMSE/V Datasheet HTML 1Page - Wolfson Microelectronics plc WM7230IMSE/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM7230IMSE/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM7230IMSE/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM7230IMSE/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM7230IMSE/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM7230IMSE/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM7230IMSE/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM7230IMSE/V Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
w
WM7230, WM7230E
Bottom Port Digital Silicon Microphone
WOLFSON MICROELECTRONICS plc
Preliminary Technical Data, October 2012, Rev 2.4
Copyright
©2012 Wolfson Microelectronics plc
DESCRIPTION
The WM7230 is a low-profile silicon digital microphone. It
offers high Signal to Noise Ratio (SNR) and low power
consumption and is suited to a wide variety of consumer
applications.
The
WM7230
incorporates
Wolfson’s
proprietary
CMOS/MEMS
membrane
technology,
offering
high
reliability and high performance in a miniature, low-profile
package. The WM7230 is designed to withstand the high
temperatures associated with automated flow solder
assembly processes. (Note that conventional microphones
can be damaged by this process.)
The WM7230 incorporates a high performance ADC,
which outputs a single-bit Pulse Density Modulated (PDM)
audio data stream. The WM7230 supports selectable
left/right channel assignment for a two-channel digital
microphone interface, enabling efficient connection of
multiple microphones in stereo/array configurations.
The WM7230E variant offers a tighter tolerance on the
microphone sensitivity, giving reduced variation between
parts. This removes the need for in-line production
calibration of part-to-part microphone variations.
FEATURES
•
High SNR; selectable sensitivity tolerance options
-
WM7230 – SNR 61dB, Sensitivity +/-3dB
-
WM7230E – SNR 61dB, Sensitivity +/-1dB
•
Low power
-
Sleep Mode - 2μA
-
Normal Operation - 700μA
•
Low profile packaging
•
Support for automated flow solder assembly
•
PDM Digital audio output
•
Stereo/array operation
•
Proprietary ADC technology
-
Reduced clock jitter sensitivity
-
Low noise floor modulation
-
Stable in overload condition
•
Bottom Port Package
•
1.64V to 3.7V supply
•
4.00 mm x 3.00 mm x 1.00mm Thin Package Design
APPLICATIONS
•
Mobile telephone handsets
•
Portable computers
•
Portable media players
•
Digital still cameras
•
Digital video cameras
•
Bluetooth headsets
•
Portable navigation devices
BLOCK DIAGRAM
WM7230
AMP
Transducer
(CMOS MEMS)
VDD
DAT
CHARGE
PUMP
GND
ADC
CONTROL
CLK
LRSEL


Similar Part No. - WM7230IMSE/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7231 WOLFSON-WM7231 Datasheet
292Kb / 14P
Bottom Port Digital Silicon Microphone
WM7231E WOLFSON-WM7231E Datasheet
292Kb / 14P
Bottom Port Digital Silicon Microphone
logo
Cirrus Logic
WM7236 CIRRUS-WM7236 Datasheet
739Kb / 14P
Low Power Bottom Port Digital Silicon Microphone
WM7236E CIRRUS-WM7236E Datasheet
737Kb / 14P
Low Power Bottom Port Digital Silicon Microphone
More results

Similar Description - WM7230IMSE/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
Bottom Port Analogue Silicon Microphone
WM7231 WOLFSON-WM7231 Datasheet
292Kb / 14P
Bottom Port Digital Silicon Microphone
logo
Cirrus Logic
WM7236E CIRRUS-WM7236E Datasheet
737Kb / 14P
Low Power Bottom Port Digital Silicon Microphone
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
WM7236 CIRRUS-WM7236 Datasheet
739Kb / 14P
Low Power Bottom Port Digital Silicon Microphone
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com