Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8215 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8215 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8215 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8215 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
12
Figure 7 Typical Power up Sequence where DVDD1 is Powered before AVDD
Figure 7 shows a typical power-up sequence where DVDD1 comes up first. First it is assumed that
DVDD1 is already up to specified operating voltage. When AVDD goes above the minimum threshold,
Vpora, there is enough voltage for the circuit to guarantee PORB is asserted low and the chip is held
in reset. In this condition, all writes to the control interface are ignored. When AVDD rises to
Vpora_on, PORB is released high and all registers are in their default state and writes to the control
interface may take place.
On power down, where DVDD1 falls first, PORB is asserted low whenever DVDD1 drops below the
minimum threshold Vpord_off.
SYMBOL
TYP
UNIT
Vpora
0.6
V
Vpora_on
1.2
V
Vpora_off
0.6
V
Vpord_on
0.7
V
Vpord_off
0.6
V
Table 1 Typical POR Operation (typical values, not tested)
Note: It is recommended that every time power is cycled to the WM8215 a software reset is written to
the software register to ensure that the contents of the control registers are at their default values
before carrying out any other register writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com