Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8973L Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8973L
Description  Stereo CODEC for Portable Audio Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8973L Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8973L_11 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8973L_11 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8973L_11 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8973L_11 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8973L_11 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8973L_11 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8973L_11 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8973L_11 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8973L_11 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Production Data
WM8973L
w
PD, Rev 4.5, December 2011
9
Test Conditions
DCVDD = 1.5V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Speaker Output (LOUT2/ROUT2 with 8
 bridge tied load, ROUT2INV=1)
Output Power at 1% THD
PO
THD = 1%
330
mW (rms)
Abs. Max Power Ouptut
POmax
500
mW (rms)
Total Harmonic Distortion
THD
Po=200mW, RL=8,
HPVDD=3.3V
-63
0.07
dB
%
Signal to Noise Ratio
(A-weighted)
SNR
HPVDD=3.3V, RL=8
95
dB
Analogue Reference Levels
Midrail Reference Voltage
VMID
–3%
AVDD/2
+3%
V
Buffered Reference Voltage
VREF
–3%
AVDD/2
+3%
V
Microphone Bias
Bias Voltage
VMICBIAS
3mA load current
–5%
0.9
AVDD
+ 5%
V
Bias Current Source
IMICBIAS
3
mA
Output Noise Voltage
Vn
1K to 20kHz
15
nV/
Hz
Digital Input / Output
Input HIGH Level
VIH
0.7
DBVDD
V
Input LOW Level
VIL
0.3
DBVDD
V
Output HIGH Level
VOH
IOH = +1mA
0.9
DBVDD
V
Output LOW Level
VOL
IOL = -1mA
0.1
DBVDD
V
HPDETECT (pin 23)
Input HIGH Level
VIH
0.7
AVDD
V
Input LOW Level
VIL
0.3
AVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com