Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8973CLGEFL/V Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8973CLGEFL/V
Description  Stereo CODEC for Portable Audio Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8973CLGEFL/V Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8973CLGEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8973CLGEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8973CLGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8973CLGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8973CLGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8973CLGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8973CLGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8973CLGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8973CLGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
WM8973L
Production Data
w
PD, Rev 4.5, December 2011
8
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.5V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (LINPUT1, RINPUT1, LINPUT2, RINPUT2, LINPUT3, RINPUT3) to ADC out
Full Scale Input Signal Level
(for ADC 0dB Input at 0dB Gain)
VINFS
AVDD = 3.3V
1.0
V rms
AVDD = 1.8V
0.545
Input Resistance
L/RINPUT1 to ADC,
PGA gain = 0dB
22
k
L/RINPUT1 to ADC,
PGA gain = +30dB
1.5
L/RINPUT1 unused
DC Measurement
16
L/RINPUT1 unused
17
Input Capacitance
10
pF
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 3.3V
80
95
dB
AVDD = 1.8V
90
Dynamic Range
-60dBFs
90
95
dB
Total Harmonic Distortion
THD
-1dBFs input,
AVDD = 3.3V
-82
0.008
dB
%
-1dBFs input,
AVDD = 1.8V
-74
0.02
ADC Channel Separation
1kHz signal
85
dB
Channel Matching
1kHz signal
0.2
dB
Analogue Outputs (LOUT1/2, ROUT1/2, MONOOUT)
0dB Full scale output voltage
AVDD/3.3
Vrms
Mute attenuation
1kHz, full scale signal
90
dB
MONOOUT pin
81
Channel Separation
analogue in
to analogue out
85
dB
DAC to Line-Out (L/ROUT2 with 10k
 / 50pF load)
Signal to Noise Ratio
(A-weighted)
SNR
AVDD=3.3V
90
98
dB
AVDD=1.8V
93
Total Harmonic Distortion
THD
AVDD=3.3V
-84
dB
AVDD=1.8V
-80
Channel Separation
1kHz signal
100
dB
Headphone Output (LOUT1/ROUT1, using capacitors)
Output Power per channel
PO
Output power is very closely correlated with THD; see below.
Total Harmonic Distortion
THD
HPVDD=1.8V, RL=32
PO=5mW
0.016
-76
%
dB
HPVDD=1.8V, RL=16
PO=5mW
0.022
-73
HPVDD=3.3V, RL=32,
PO=20mW
0.013
-78
HPVDD=3.3V, RL=16,
PO=20mW
0.018
-75
Signal to Noise Ratio
(A-weighted)
SNR
HPVDD = 3.3V
92
96
dB
HPVDD = 1.8V
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com