Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/RV Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/RV
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/RV Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8978CGEFL/RV Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
13
REGISTER BIT
AVDD CURRENT (mA)
AVDD=3.3V
BUFDCOPEN
0.1
OUT4MIXEN
0.2
OUT3MIXEN
0.2
PLLEN
1.2 (with clocks applied)
MICBEN
0.5
BIASEN
0.3
BUFIOEN
0.1
VMIDSEL
5KΩ = >0.3, less than 0.1 for 75KΩ 300KΩ settings
ROUT1EN
0.4
LOUT1EN
0.4
BOOSTENR
0.2
BOOSTENL
0.2
INPPGAENR
0.2
INPPGAENL
0.2
ADCENR
2.6 (x64, ADCOSR=0)
4.9 ( x128, ADCOSR=1)
ADCENL
2.6 (x64, ADCOSR=0)
4.9 ( x128, ADCOSR=1)
OUT4EN
0.2
OUT3EN
0.2
LOUT2EN
1mA from SPKVDD + 0.2mA from AVDD in 5V mode
ROUT2EN
1mA from SPKVDD + 0.2mA from AVDD in 5V mode
RMIXEN
0.2
LMIXEN
0.2
DACENR
1.8 (x64, DACOSR=0)
1.9 (x128, DACOSR=1)
DACENL
1.8 (x64, DACOSR=0)
1.9 (x128, DACOSR=1)
Table 2 AVDD Supply Current (AVDD=3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com