Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8233 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8233
Description  70MSPS 6-Channel AFE with Sensor Timing Generation and LVDS/CMOS Data Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8233 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8233 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8233 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8233 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8233 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8233 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8233 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8233 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8233 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8233 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
WM8233
Product Brief
w
Product Brief, Rev 3.0, February 2012
5
PIN DESCRIPTION
PIN
NAME
Type
DESCRIPTION
1
VREF2C
Analogue output
Mid reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
2
VRLC/VBIAS
Analogue I/O
Reference voltage input/output
3
VREF3C
Analogue output
Lower reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
4
VREF1C
Analogue output
Upper reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
5
SEN
Digital input
Enables the serial interface when high.
6
SDO
Digital output
Serial interface data output
7
SCK
Digital input
Serial interface clock
8
SDI
Digital input
Serial interface data input
9
LDO2VDD
Supply
Analogue supply
10
LDO2GND
Supply
Analogue ground
11
LDO2VOUT
Supply
LDO output
This pin must be connected to AGND via a decoupling capacitor.
12
DSLCT2
Analogue input
Device select 2
13
MCLK
Analogue input
Master Clock
14
DSLCT1
Analogue input
Device select 1
15
D5N/OP[9]
LVDS output
LVDS Data output 5 – Negative / CMOS output 9
16
D5P/OP[8]
LVDS output
LVDS Data output 5 – Positive / CMOS output 8
17
D4N/OP[7]
LVDS output
LVDS Data output 4 – Negative / CMOS output 7
18
D4P/OP[6]
LVDS output
LVDS Data output 4 – Positive / CMOS output 6
19
DCLKN/OC[2]
LVDS output
LVDS Clock Output – Negative/ CMOS clock output 2
20
DCLKP/OC[1]
LVDS output
LVDS Clock Output – Positive/ CMOS clock output 1
21
DBGND
Supply
Analogue ground
22
DBVDD
Supply
Analogue supply
23
D3N/OP[5]
LVDS output
LVDS Data output 3 – Negative / CMOS output 5
24
D3P/OP[4]
LVDS output
LVDS Data output 3 – Positive / CMOS output 4
25
D2N/OP[3]
LVDS output
LVDS Data output 2 – Negative / CMOS output 3
26
D2P/OP[2]
LVDS output
LVDS Data output 2 – Positive / CMOS output 2
27
D1N/OP[1]
LVDS output
LVDS Data output 1 – Negative / CMOS output 1
28
D1P/OP[0]
LVDS output
LVDS Data output 1 – Positive / CMOS output 0
29
HZCTRL
Digital input
Internal use only. Must be connected to AGND
30
MON
Analogue output
Clock monitor
31
LDO1VOUT
Supply
LDO output.
This pin must be connected to AGND via a decoupling capacitor.
32
LDO1GND
Supply
Analogue ground
33
LDO1VDD
Supply
Analogue supply
34
TGSYNC
Digital input
Sensor Timing Sync pulse from host
35
CLK1
Digital output
Sensor Timing Output 1
36
CLK2
Digital output
Sensor Timing Output 2
37
CLK3
Digital output
Sensor Timing Output 3
38
CLK4
Digital output
Sensor Timing Output 4
39
CLK5
Digital output
Sensor Timing Output 5
40
CLK6
Digital output
Sensor Timing Output 6
41
CLK7
Digital output
Sensor Timing Output 7
42
CLK8
Digital output
Sensor Timing Output 8
43
CLK9
Digital output
Sensor Timing Output 9
44
CLK10
Digital output
Sensor Timing Output 10
45
CLK11
Digital output
Sensor Timing Output 11
46
AGND3
Supply
Analogue ground
47
IN1
Analogue input
Analogue input 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com