Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8253 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8253
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8253 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8253 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8253 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8253 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8253 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8253 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8253 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8253 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8253 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8253 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
WM8253
Production Data
w
PD, Rev 4.1, August 2011
18
REFERENCES
The ADC reference voltages are derived from an internal bandgap reference, and buffered to pins
VRT and VRB, where they must be decoupled to ground. The output buffer from the RLCDAC also
requires decoupling at pin VRLC/VBIAS when this is configured as an output.
POWER SUPPLY
The WM8253 runs from a 3.3V single supply.
POWER MANAGEMENT
Power management for the device is performed via the Control Interface. The device can be powered
on or off completely by setting the EN bit low.
All the internal registers maintain their previously programmed value in power down mode and the
Control Interface inputs remain active.
OPERATING MODES
Table 3 summarises the most commonly used modes, the clock waveforms required and the register
contents required for CDS and non-CDS operation.
MODE
DESCRIPTION
CDS
AVAILABLE
MAX
SAMPLE
RATE
TIMING
REQUIREMENTS
REGISTER
CONTENTS WITH
CDS
REGISTER
CONTENTS
WITHOUT CDS
1
Monochrome/
Colour Line-by-Line
Yes
6MSPS
MCLK max = 36MHz
MCLK:VSMP ratio is
6:1
SetReg1: 03(hex)
SetReg1: 01(hex)
2
Fast Monochrome/
Colour Line-by-Line
Yes
6MSPS
MCLK max = 18MHz
MCLK:VSMP ratio is
3:1
Identical to Mode
1 plus SetReg3:
bits 5:4 must be
set to 0(hex)
Identical to
Mode 1
3
Maximum speed
Monochrome/
Colour Line-by-Line
No
6MSPS
MCLK max = 12MHz
MCLK:VSMP ratio is
2:1
CDS not possible
SetReg1: 41(hex)
4
Slow Monochrome/
Colour Line-by-Line
Yes
4.5MSPS
MCLK max = 36MHz
MCLK:VSMP ratio is
2n:1, n
 4
Identical to
Mode 1
Identical to
Mode 1
Table 3 WM8253 Operating Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com