Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8253SCDS/V Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8253SCDS/V
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8253SCDS/V Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8253SCDS/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8253SCDS/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8253SCDS/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8253SCDS/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8253SCDS/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8253SCDS/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8253SCDS/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8253SCDS/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8253SCDS/V Datasheet HTML 27Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
WM8253
Production Data
w
PD, Rev 4.1, August 2011
27
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
18/09/07
4.0
JP
Page 6
Changed minimum ADC Full-Scale Error from -50mV to -60mV
Changed maximum ADC Full-Scale Error from +50mV to +60mV
Changed the minimum value of PGA’s maximum gain from 8.0 to 8.2
Changed the maximum value of PGA’s maximum gain from 8.7 to 8.8
Changed the maximum value of PGA’s minimum gain from 0.84 to 0.87
29/08/11
4.1
AA
Page 22
Register Map Description:
Setup Register 1 (6) – deleted INTRLC =1 from description
Setup Register 4 (3) – changed RLCINT to INTRLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com