Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0239.080MXEP Datasheet(PDF) 2 Page - Littelfuse

Part # 0239.080MXEP
Description  239 Series, 5 x 20 mm, Slo-Blo짰 Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0239.080MXEP Datasheet(HTML) 2 Page - Littelfuse

  0239.080MXEP Datasheet HTML 1Page - Littelfuse 0239.080MXEP Datasheet HTML 2Page - Littelfuse 0239.080MXEP Datasheet HTML 3Page - Littelfuse 0239.080MXEP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
308
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
239 Series
5×20 mm > Time Lag > 239 Series
Please refer to www.littelfuse.com/series/239.html for current information.
Amp Code
Amp Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Agency Approvals
PS
E
.080
0.08
250
35A @ 250 VAC
28.1750
0.02500
.100
0.1
250
17.3425
0.05500
.125
0.125
250
11.6000
0.08500
.150
0.15
250
8.1000
0.13000
.200
0.2
250
35A @ 250 VAC
10000A @ 125 VAC
3.8725
0.16500
.250
0.25
250
3.0700
0.34000
.300
0.3
250
2.3000
0.61500
.400
0.4
250
1.4750
1.49000
.500
0.5
250
0.9090
1.98500
.600
0.6
250
0.6990
2.41500
.700
0.7
250
0.5375
4.12000
.750
0.75
250
0.4710
5.42500
.800
0.8
250
0.4155
7.56500
001.
1
250
0.2965
11.29500
1.25
1.25
250
10000A @ 125 VAC
100A @ 250 VAC
0.1980
19.52500
01.6
1.6
250
0.1205
30.43000
002.
2
250
0.0943
50.58500
02.5
2.5
250
0.0583
79.70500
003.
3
250
0.04877
129.51000
3.15
3.15
250
0.0414
128.05000
03.2
3.2
250
0.0385
128.05000
03.5
3.5
250
0.0370
128.05000
004.
4
125
10000A @ 125 VAC
0.0312
270.703
005.
5
125
0.0199
302.836
007.
7
125
0.0114
305.758
Electrical Characteristic Specification by Item



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com