Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9082ECSN/R Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM9082ECSN/R
Description  PDM Input Mono 3W Class D Speaker Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9082ECSN/R Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM9082ECSN/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9082ECSN/R Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Production Data
WM9082
w
PD, August 2012, Rev 4.1
7
TYPICAL PERFORMANCE
Typical speaker driver THD+N performance is shown below for 8Ω and 4Ω load conditions. Plots are shown for typical
SPKVDD supply voltage conditions. (DVDD=1.8V in all cases.)
0.00
0.01
0.10
1.00
10.00
0.10
1.00
Output Power (W)
THD+N vs. Output Power
Load = 8Ω + 33µH
SPKVDD =5.5V
SPKVDD =3.6V
0.00
0.01
0.10
1.00
10.00
0.10
1.00
Output Power (W)
THD+N vs. Output Power
Load = 4Ω + 33µH
SPKVDD =5.5V
SPKVDD =3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com