Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX099AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX099AL
Description  1/2-inch Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX099AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX099AL Datasheet HTML 1Page - Sony Corporation ICX099AL Datasheet HTML 2Page - Sony Corporation ICX099AL Datasheet HTML 3Page - Sony Corporation ICX099AL Datasheet HTML 4Page - Sony Corporation ICX099AL Datasheet HTML 5Page - Sony Corporation ICX099AL Datasheet HTML 6Page - Sony Corporation ICX099AL Datasheet HTML 7Page - Sony Corporation ICX099AL Datasheet HTML 8Page - Sony Corporation ICX099AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
– 5 –
ICX099AL
Drive Clock Waveform Conditions
(1) Readout clock waveform
(2) Vertical transfer clock waveform
II
II
100%
90%
10%
0%
VVT
tr
twh
tf
φM
0V
φM
2
V
φ1
V
φ3
V
φ2A, Vφ2B
VVH1
VVHH
VVH
VVHL
VVLH
VVL1
VVL01
VVL
VVLL
VVH3
VVHH
VVH
VVHL
VVLH
VVL03
VVL
VVLL
V
φV1 = VVH1 – VVL01
V
φV2A = VVH02A – VVL2A
V
φV2B = VVH02B – VVL2B
V
φV3 = VVH3 – VVL03
VVH = VVH02A
VVL = (VVL01 + VVL03) /2
VVL3 = VVL03
VVLH
VVL2A, VVL2B
VVLL
VVL
VVH
VVHH
VVH02A, VVH02B
VVH2A, VVH2B
VVHL
VT
Note) Readout clock is used by composing vertical transfer clocks V
φ2A and Vφ2B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com