Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8321 Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8321 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
45
13 CLOCKING AND OSCILLATOR CONTROL
13.1 GENERAL DESCRIPTION
The WM8321 incorporates a 32.768kHz crystal oscillator in order to maintain the Real Time Clock
(RTC). An external crystal is normally required. Alternatively, a 32.768kHz signal may be input directly
on the XTI pin. The crystal oscillator and RTC are enabled at all times, including the OFF and
BACKUP power states. It is possible to disable the crystal oscillator in BACKUP for power-saving
RTC ‘unclocked’ mode if desired. The WM8321 clock functions are illustrated in Figure 16.
Figure 16 Clocking Configuration
The 32.768kHz crystal oscillator is enabled using the XTAL_ENA register. The crystal oscillator is
enabled in the OFF, ON and SLEEP power states when XTAL_ENA = 1. The status of the crystal
oscillator in BACKUP is selected using the XTAL_BKUPENA register.
Note that the XTAL_ENA field is set via OTP/ICE settings only; it cannot be changed by writing to the
control register. If the crystal is omitted, and an external 32.768kHz signal is connected as an input to
the XTI pin, it is still required to set XTAL_ENA = 1 for normal operation.
The crystal oscillator can be disabled in the BACKUP state by setting the XTAL_BKUPENA register
bit to 0. This feature may be used to minimise the device power consumption in the BACKUP state,
as described in Section 20.5. The crystal oscillator is maintained in the BACKUP state if both
XTAL_ENA and XTAL_BKUPENA are set to 1.
The CLKOUT signal, derived from the 32.768kHz oscillator, can be enabled or disabled directly by
writing to the CLKOUT_ENA register in the ON or SLEEP power states. The CLKOUT can also be
controlled as part of the power state transitions using the CLKOUT_SLOT and CLKOUT_SLP_SLOT
register fields. See Section 11.3 for a description of the state transition timeslots.
The CLKOUT pin may be configured as a CMOS output or as an Open-Drain output. The CLKOUT
signal is referenced to the DBVDD power domain.
The status of the crystal oscillator is indicated by the XTAL_OK register bit. If the crystal oscillator
fails to start, or if it stops for any reason, then the XTAL_OK register will be set to 0.
An internal RC oscillator is available in order to provide CLKOUT functionality during start-up of the
crystal oscillator. This function is selectable using the XTAL_INH register bit, as described below.
If XTAL_INH = 0, then the internal RC oscillator provides the CLKOUT signal in the event that the
crystal oscillator has not fully started up prior to an ‘ON’ state transition event. A glitch-free transition
between the clock sources is implemented after the crystal oscillator is ready.
If XTAL_INH = 1, then an ‘ON’ state transition is delayed until the crystal oscillator has fully started
up. This may be desirable if the CLKOUT signal is used as a clock for another circuit, to ensure that
CLKOUT signal has been verified before the ‘ON’ state transition occurs. Note that the CLKOUT
output is always disabled in the OFF power state; it is typically enabled as part of the ‘ON’ state
transition sequence. Setting XTAL_INH = 1 ensures that the CLKOUT output cannot be enabled until
the crystal frequency has been verified.
If XTAL_INH = 1, and the crystal oscillator fails to start, then a System Reset will be scheduled after a
timeout period of approximately 32 seconds. See Section 24 for details of System Resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com