Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8321 Datasheet(PDF) 253 Page - Wolfson Microelectronics plc

Part # WM8321
Description  Processor Power Management Subsystem
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8321 Datasheet(HTML) 253 Page - Wolfson Microelectronics plc

Back Button WM8321 Datasheet HTML 245Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 246Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 247Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 248Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 249Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 250Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 251Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 252Page - Wolfson Microelectronics plc WM8321 Datasheet HTML 253Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 253 / 253 page
background image
Production Data
WM8321
w
PD, February 2012, Rev 4.0
253
33 REVISION HISTORY
DATE
REV
DESCRIPTION OF CHANGES
CHANGED
BY
October 2010
2.0
SDOUT1 description amended to Open Drain, with external pull-up required.
PH
December
2010
2.0
Default value of PWRSTATE_DLY corrected.
Undervoltage margin specified for all DC-DC converters.
Overvoltage margin specified for DC-DC converters 1,2.
Chip Temperature (AUX_DATA) equation updated.
PH
07/03/11
2.0
Added notes that SLEEP > OFF is not a controlled transition; converters and
regulators are disabled immediately.
RESET pin description updated to note integrated pull-up.
IRQ description updated to note pull-up in Open Drain mode.
System Reset and Device Reset descriptions updated, consistent with the
Summary Table.
Recommended external pull-up resistances added in Pin Description.
Internal pull-up / pull-down resistances added in Electrical Characteristics.
Noted Active High (non-inverted) polarity for GPIO “Power On/Off request”
function is not fully supported in development mode.
PH
25/03/11
3.0
Noted maximum limit on Software Resets. Also clarification of the maximum
number of Watchdog / Undervoltage Device Resets.
Correction to DBVDD test conditions (Section 7.7).
RTC_PINT_FREQ definition updated.
DC-DC output inductor saturation limit recommendations added.
SYSOK_THR register description updated.
Quiescent current characteristics updated for DC-DC 1-4.
PH
15/09/11
4.0
Backup battery power updated; Charger control registers deleted.
LDO11 output amended for LDO11_VSEL_SRC=1 and DC-DC1 disabled.
OTP Register Map overview correction (GPn_TRI replaced with GPn_ENA).
LDO11 maximum output current increased (only for PVDD ≥ 3.1V).
PH
01/02/12
4.0
Electrical Characteristics updated.
DC3_STNBY_LIM, DC4_STNBY_LIM descriptions updated.
SYSOK_THR description updated.
PH
14/02/12
4.0
Product status updated to Production Data
JMacD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com