Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351CGEB/V Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8351CGEB/V
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351CGEB/V Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8351CGEB/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8351CGEB/V Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
13
4
THERMAL CHARACTERISTICS
Thermal analysis must be performed in the intended application to prevent the WM8351 from
exceeding maximum junction temperature. Several contributing factors affect thermal performance
most notably the physical properties of the mechanical enclosure, location of the device on the PCB
in relation to surrounding components and the number of PCB layers. Connecting the nine central
GND balls through thermal vias and into a large ground plane will aid heat extraction.
Three main heat transfer paths exist to surrounding air:
-
Package top to air (radiation).
-
Package bottom to PCB (radiation).
-
Package leads to PCB (conduction).
The temperature rise TR is given by TR = PD * ӨJA
-
PD is the power dissipated by the device.
-
ӨJA is the thermal resistance from the junction of the die to the ambient temperature
and is therefore a measure of heat transfer from the die to surrounding air.
-
For WM8351, ӨJA = 32C/W
The junction temperature TJ is given by TJ = TA + TR
1.
TA, is the ambient temperature.
The worst case conditions are when the WM8351 is operating in a high ambient temperature, with low
supply voltage, high duty cycle and high output current. Under such conditions, it is possible that the
heat dissipated could exceed the maximum junction temperature of the device. Care must be taken to
avoid this situation. An example calculation of the junction temperature is given below.
-
PD = 1W (example figure)
-
ӨJA = 32°C/W
-
TR = PD * ӨJA = 32°C
-
TA = 85°C (example figure)
-
TJ = TA +TR = 117°C
The minimum and maximum operating junction temperatures for the WM8351 are quoted in
Section 5. The maximum junction temperature is 125°C. Therefore, the junction temperature in the
above example is within the operating limits of the WM8351.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com