Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8501GED/V Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8501GED/V
Description  24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8501GED/V Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8501GED/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8501GED/V Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
WM8501
Production Data
w
PD, Rev 4.2, July 2009
6
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = 5V, DVDD = 3.3V, GND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW
VOL
IOL = 2mA
DGND + 0.3V
V
Output HIGH
VOH
IOH = 2mA
DVDD – 0.3V
V
Analogue Reference Levels
Reference voltage (VMID)
AVDD/2
V
Potential divider resistance
RCAP
AVDD to VMID and
VMID to GND
50
k
Ω
DAC Output (Load = 10k
Ω. 50pF)
0dBFs Full scale output voltage
At DAC outputs
1.6 x
AVDD/5
1.7 x
AVDD/5
1.8 x
AVDD/5
Vrms
A-weighted,
@ fs = 48kHz
90
100
dB
A-weighted
@ fs = 96kHz
97
dB
Signal to Noise Ratio (Note
5,6,7)
SNR
A-weighted
@ fs = 192kHz
97
dB
Dynamic Range (Note 2, 6)
DNR
A-weighted, -60dB full
scale input
90
100
dB
Total Harmonic Distortion
(Note 7)
THD
1kHz, Load = 10k
Ω,
0dBFS
-88
-78
dB
DAC channel separation
93
dB
Analogue Output Levels
Output level (line output)
Load = 10k
Ω, 0dBFS
1.7
Vrms
Minimum resistance load (line
output)
To midrail or a.c.
coupled
820
Ω
Output level (Headphone output)
Load = 16
Ω, 0dBFS
1.0
Vrms
Minimum resistance load
(Headphone output)
To midrail or a.c.
coupled
16
Ω
Gain mismatch
channel-to-channel
±1
%FSR
Output d.c. level
AVDD/2
V
Supply Current
Analogue supply current
AVDD = 5V
9
mA
DVDD = 5V
8
mA
Digital supply current
DVDD = 3.3V
4.5
mA
Power down current (note 4)
AVDD=DVDD=5V
0.01
mA
Notes:
1.
Ratio of output level with 1kHz full scale input, to the output level with all zeros into the digital input, measured ‘A’ weighted
over a 20Hz to 20kHz bandwidth.
2.
All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use such a
filter will result in higher THD and lower SNR and Dynamic Range readings than are found in the Electrical Characteristics.
The low pass filter removes out of band noise; although it is not audible it may affect dynamic specification values.
3.
VMID pin decoupled with 10uF and 0.1uF capacitors (smaller values may result in reduced performance).
4.
Power down occurs 1.5
μs after MCLK is stopped.
5.
Signal-to-noise ratio (dB) – SNR is a measure of the difference in level between the full scale output and the output with
no signal applied. (No Auto-zero or Automute function is employed in achieving these results).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com