Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8501GED/RV Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8501GED/RV
Description  24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8501GED/RV Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8501GED/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8501GED/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8501GED/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8501GED/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8501GED/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8501GED/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8501GED/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8501GED/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8501GED/RV Datasheet HTML 20Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Production Data
WM8501
w
PD, Rev 4.2, July 2009
17
POWER UP/DOWN SEQUENCE
POWER UP/DOWN SEQUENCE
For click free operation, the WM8501 should be powered up and down in a specific sequence.
Power-up:
1.
Power up AVDD and DVDD and wait to settle
2.
Turn on clocks and data (MCLK, BCLK, LRCLK, SDATA)
3.
Switch ENABLE pin from low to high
Power-down:
1.
Switch Enable from high to low
2.
Remove clocks and data
3.
Power down AVDD and DVDD
RECOMMENDED ANALOGUE LOW PASS FILTER
Ω
Ω
Ω
Ω
Figure 18 Recommended 1st Order Low Pass Filter
Note: Capacitors should be COG dielectric.
An external single pole RC filter is recommended (see Figure 18) if the device is driving a
wideband amplifier. However the WM8501 does contain an internal low pass filter which should
be adequate in most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com