Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8524 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8524
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8524 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8524 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8524 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
w
WM8524
24-bit 192kHz Stereo DAC with 2Vrms
Ground Referenced Line Output
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, October 2011, Rev 4.1
Copyright
2011 Wolfson Microelectronics plc
DESCRIPTION
The WM8524 is a stereo DAC with integral charge pump
and hardware control interface. This provides 2Vrms line
driver outputs using a single 3.3V power supply rail.
The device features ground-referenced outputs and the use
of a DC servo to eliminate the need for line driving coupling
capacitors and effectively eliminate power on pops and
clicks.
The device is controlled and configured via a hardware
control interface.
The device supports all common audio sampling rates
between 8kHz and 192kHz using all common MCLK fs
rates. The audio interface operates in slave mode.
The WM8524 has a 3.3V tolerant digital interface, allowing
logic up to 3.3V to be connected.
The device is available in a 16-pin TSSOP.
FEATURES
High performance stereo DAC with ground referenced line
driver
Audio Performance
106dB SNR (‘A-weighted’)
-89dB THD @ -1dBFS
120dB mute attenuation
All common sample rates from 8kHz to 192kHz supported
Hardware control mode
Data formats: LJ, RJ, I
2S
Maximum 1mV DC offset on Line Outputs
Pop/Click suppressed Power Up/Down Sequencer
AVDD and LINEVDD +3.3V ±10% allowing single supply
16-lead TSSOP package
Operating temperature range: -40°C to 85°C
APPLICATIONS
Consumer digital audio applications requiring 2Vrms output
Games Consoles
Set Top Box
A/V Receivers
DVD Players
Digital TV
BLOCK DIAGRAM


Similar Part No. - WM8524

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
24-bit 192kHz Stereo DAC with 2Vrms
More results

Similar Description - WM8524

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
192kHz 24-Bit Stereo DAC with 2Vrms Output
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM8533 WOLFSON-WM8533 Datasheet
742Kb / 41P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8523 WOLFSON-WM8523 Datasheet
618Kb / 51P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Wolfson Microelectronic...
WM1824 WOLFSON-WM1824 Datasheet
330Kb / 24P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
logo
Cirrus Logic
WM1824 CIRRUS-WM1824 Datasheet
321Kb / 23P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8523 CIRRUS-WM8523 Datasheet
579Kb / 46P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
WM8533 CIRRUS-WM8533 Datasheet
742Kb / 41P
24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com