Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8523GEFL/RV Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8523GEFL/RV
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8523GEFL/RV Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8523GEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8523GEFL/RV Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Production Data
WM8523
w
PD, Rev 4.1, August 2011
39
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R6 (06h)
DAC_GAINL
9
DACL_VU
0
Left DAC Digital Volume Update
0 = Latch Left DAC volume setting into register map
but do not update volume
1 = Latch Left DAC volume setting into register map
and update left and right channels simultaneously
Page 28
8:0
DACL_VOL[8:0] 1_1001_0000 Left DAC Digital Volume Control
0 0000 0000 = -100dB
0 0000 0001 = -99.75dB
0 0000 0010 = -99.5dB
…0.25dB steps
1 1001 0000 = 0dB
…0.25dB steps
1 1011 1110 = +11.75dB
1 11XX XXXX = +12dB
Page 28
Register 06h DAC_GAINL
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R7 (07h)
DAC_GAIN
R
9
DACR_VU
0
Right DAC Digital Volume Update
0 = Latch Right DAC volume setting into register
map but do not update volume
1 = Latch Right DAC volume setting into register
map and update left and right channels
simultaneously
Page 28
8:0
DACR_VOL[8:0] 1_1001_0000 Right DAC Digital Volume Control
0 0000 0000 = -100dB
0 0000 0001 = -99.75dB
0 0000 0010 = -99.5dB
…0.25dB steps
1 1001 0000 = 0dB
…0.25dB steps
1 1011 1110 = +11.75dB
1 11XX XXXX = +12dB
Page 28
Register 07h DAC_GAINR
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER
TO
R8 (08h)
ZERO_
DETECT
0
ZD_COUNT[1:0]
0
Zero Detect Count Control
0 = 1024
1 = 2048
Page 31
Register 08h ZERO_DETECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com