Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO15170 Datasheet(PDF) 39 Page - ITT Industries

Part # ISO15170
Description  Cannon APD Series ISO 15170 Connectors
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ISO15170 Datasheet(HTML) 39 Page - ITT Industries

Back Button ISO15170 Datasheet HTML 35Page - ITT Industries ISO15170 Datasheet HTML 36Page - ITT Industries ISO15170 Datasheet HTML 37Page - ITT Industries ISO15170 Datasheet HTML 38Page - ITT Industries ISO15170 Datasheet HTML 39Page - ITT Industries ISO15170 Datasheet HTML 40Page - ITT Industries ISO15170 Datasheet HTML 41Page - ITT Industries ISO15170 Datasheet HTML 42Page - ITT Industries ISO15170 Datasheet HTML 43Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
39
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
CannonAPD / ISO 15170 Connectors
Contacts,Accessories, 6/7-way
Order No. 192900-0001 (0,75 - 1,5 mm2)
*192900-0003 Loose Piece Bulk Pack
* Crimp Tool - 121586-5237
Socket Crimp-Contacts 1,6 mm Standard Tinned, 3000 contacts per reel
Designation
Order No.
Wire insulation ø 1,4 - 2,0 mm / grey
121667-0022
Wire insulation ø 1,9 - 2,1 mm / yellow
121667-0023
Wire insulation ø 1,2 - 1,6 mm / red
121667-0024
Individual Wire Seals
Designation
Order No.
10WH3940
121667-0025
Wire Filler
Order No.
075-8503-000 (-55/125˚C)
075-8503-004 (-30/200˚C)
Packaging unit 100 pcs.
Gasket for all Flange Receptacles
Pin Crimp-Contacts 1,6 mm Standard Tinned, 3000 contacts per reel
Order No. 192900-0000 * (0,75 - 1,5 mm
2)
192900-0002 Loose Piece Bulk Pack
* Crimp Tool - 112108-0014
Blind Socket for 1 / 2 / 4 / 6 / 7-way
Order No. 120110-0217
Packaging unit 100 pcs.
Note: All cavities closed, mates with 1-7-way APD versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com