Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-GPIB Datasheet(PDF) 14 Page - Teledyne Technologies Incorporated

Part # USB2-GPIB
Description  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

USB2-GPIB Datasheet(HTML) 14 Page - Teledyne Technologies Incorporated

Back Button USB2-GPIB Datasheet HTML 8Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 9Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 10Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 11Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 12Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 13Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 14Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 15Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 16Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
SPeCIFICATIONS
HDO4022
HDO4024
HDO4032
HDO4034
HDO4054
HDO4104
Vertical
Bandwidth (@ 50
Ω)
200 MHz
350 MHz
500 MHz
1 GHz
Rise time
1.75 ns typical
1 ns typical
700 ps typical
450 ps typical
Input Channels
2
4
2
4
4
4
Vertical Resolution
12-bits; up to 15-bits with enhanced resolution (ERES)
Sensitivity
50
Ω: 1mV/div - 1 V/div; 1 MΩ: 1 mV/div - 10 V/div
DC Gain Accuracy
±(0.5%) Full Scale, offset at 0 V
BW Limit
20 MHz, 200 MHz
Maximum Input Voltage
50
Ω: 5 Vrms; 1 MΩ: 400 V max (DC + Peak AC ≤ 10 kHz)
Input Coupling
50
Ω: DC, GND; 1 MΩ: AC, DC, GND
Input Impedance
50
Ω ±2.0%, 1 MΩ ±2.0% || 15 pF
Offset Range
50
Ω: 1 mV - 4.95 mV: ±1.6 V, 5 mV - 9.9 mV: ±4 V, 10 mV - 19.8 mV: ±8 V, 20 mV - 1 V: ±10 V
1 M
Ω: 1 mV - 4.95 mV: ±1.6 V, 5 mV - 9.9 mV: ±4 V, 10 mV - 19.8 mV: ±8 V, 20 mV - 100 mV: ±16 V,
102 mV - 198 mV: ±80V, 200 mV - 1 V: ±160 V, 1.02 V -10 V: ±400 V
Offset Accuracy
±(1.0% of offset value + 0.5%FS + 0.02% of max offset + 1 mV)
Acquisition
Sample Rate (Single-shot)
2.5 GS/s
Sample Rate (Repetitive)
125 GS/s
Record Length
Standard -STD: 12.5 Mpts/ch (all channels) 25 Mpts (interleaved)
Optional -L:
25 Mpts/ch (all channels), 50 Mpts (interleaved)
Acquisition Modes
Real Time, Roll, RIS (Random Interleaved Sampling),
Sequence (Segmented Memory up to 10,000 segments with 1μs intersegment time)
Timebase Range
20 ps/div–10000 s/div; RIS available at
≤ 10 ns/div; Roll Mode available at ≥ 100 ms/div and ≤ 5 MS/s
Timebase Accuracy
±2.5 ppm for 5 to 40C + 1.0 ppm/year from calibration
Trigger System
Modes
Auto, Normal, Single, Stop
Sources
Any input channel, External, Ext/10, or line; slope and level unique to each source (except for line trigger)
Coupling
DC, AC, HFREJ, LFREJ
Pre-trigger Delay
0-100% of full scale
Post-trigger Delay
0-10,000 Divisions
Hold-off
2ns up to 20s or 1 to 1,000,000,000 events
Internal Trigger Level Range
±4.1 Divisions
External Trigger Level Range
Ext: ±400mV, Ext/10: ±4V
Trigger Types
Edge, Glitch, Width, Logic (Pattern), TV (NTSC, PAL, SECAM, HDTV–720p, 1080i, 1080p), Runt, Slew Rate,
Interval (signal or Pattern), Dropout, Qualified (State or Edge)
Measure, zoom and Math Tools
Measurement Parameters
Up to 8 of the following parameters can be calculated at one time on any waveform: Amplitude, Area, Base (Low),
Delay, Delta Period @ Level, Delta Time @ Level, Duty, Duty @ Level, Edge @ Level, Fall Time (90%–10%),
Fall Time (80%–20%), Frequency, Frequency @ level, Maximum, Mean, Minimum, Overshoot+, Overshoot-,
Peak-Peak, Period, Period @ Level, Phase, Rise Time (10%–90%), Rise Time (20%–80%), RMS, Skew,
Standard Deviation, Time @ Level, Top (High), Width+, Width-. Statistics and Histicons can be added to any
measurement and all measurements can be gated.
Zooming
Use front panel QuickZoom button, or use touch screen or mouse to draw a box around the zoom area.
Math Functions
Functions include Sum, Difference, Product, Ratio, Absolute Value, Averaging (summed and continuous), Derivative,
Envelope, Enhanced Resolution (to 15-bits), Floor, Integral, Invert, Reciprocal, Rescale (change scale and units), Roof,
Square, Square Root, Trend, Zoom and FFT (up to 1 Mpts with power spectrum output and rectangular, VonHann, and
FlatTop windows). 2 dual operator math functions may be defined at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com