Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02302.25DRT3SW Datasheet(PDF) 1 Page - Littelfuse

Part # 02302.25DRT3SW
Description  229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

02302.25DRT3SW Datasheet(HTML) 1 Page - Littelfuse

  02302.25DRT3SW Datasheet HTML 1Page - Littelfuse 02302.25DRT3SW Datasheet HTML 2Page - Littelfuse 02302.25DRT3SW Datasheet HTML 3Page - Littelfuse 02302.25DRT3SW Datasheet HTML 4Page - Littelfuse 02302.25DRT3SW Datasheet HTML 5Page - Littelfuse 02302.25DRT3SW Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
259
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
2AG > Time Lag > 229/230 Series
229/230 Series
Please refer to www.littelfuse.com/series/229.html
or /230.html for current information.
229/230 Series Lead-Free 2AG, Slo-Blo® Fuse and Indicating Slo-Blo® Fuse
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
250mA - 3.5A
LR 29862
250mA - 7A
E10480
4A - 7A
PS
E
NBK210405 -
E10480D/F/G/H
1A - 7A
250mA - 7A
Features
Electrical Characteristics for Series
% of Ampere
Rating
OpeningTime
100%
135%
200%
Applications
PS
E
Description
Revised: November 17, 2010
®
®
®


Similar Part No. - 02302.25DRT3SW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
0230200L MICROSEMI-0230200L Datasheet
164Kb / 3P
Silicon Controlled Rectifier
More results

Similar Description - 02302.25DRT3SW

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0209.250MXP LITTELFUSE-0209.250MXP Datasheet
454Kb / 4P
209 Series Lead-Free 2AG, Slo-Blo짰 (Time-Lag) Fuse
0229.375HXSP LITTELFUSE-0229.375HXSP Datasheet
227Kb / 6P
229/230 Series Lead-Free 2AG, Slo-Blo짰 Fuse and Indicating Slo-Blo짰 Fuse
0313.010HXP LITTELFUSE-0313.010HXP Datasheet
211Kb / 4P
313/315 Series Lead-Free 3AG, Slo-Blo짰 Fuse
0325.010HXP LITTELFUSE-0325.010HXP Datasheet
163Kb / 4P
325/326 Series Lead-Free 3AB, Slo-Blo짰 Fuse
0473.500YRT1- LITTELFUSE-0473.500YRT1- Datasheet
23Kb / 1P
PICO짰 II Slo-Blo짰 Type Fuse
04732.25YRT1- LITTELFUSE-04732.25YRT1- Datasheet
23Kb / 1P
PICO짰 II Slo-Blo짰 Type Fuse
04732.25YRT3- LITTELFUSE-04732.25YRT3- Datasheet
23Kb / 1P
PICO짰 II Slo-Blo짰 Type Fuse
047302.5YRT1- LITTELFUSE-047302.5YRT1- Datasheet
23Kb / 1P
PICO짰 II Slo-Blo짰 Type Fuse
0473001.YRT3- LITTELFUSE-0473001.YRT3- Datasheet
23Kb / 1P
PICO짰 II Slo-Blo짰 Type Fuse
2205 LITTELFUSE-2205 Datasheet
905Kb / 3P
2205 Series, Lead-Free 2AG, Slo-Blo짰 Fuse
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com