Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX249AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX249AL
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR Black-and-White Video Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX249AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX249AL Datasheet HTML 1Page - Sony Corporation ICX249AL Datasheet HTML 2Page - Sony Corporation ICX249AL Datasheet HTML 3Page - Sony Corporation ICX249AL Datasheet HTML 4Page - Sony Corporation ICX249AL Datasheet HTML 5Page - Sony Corporation ICX249AL Datasheet HTML 6Page - Sony Corporation ICX249AL Datasheet HTML 7Page - Sony Corporation ICX249AL Datasheet HTML 8Page - Sony Corporation ICX249AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
– 5 –
ICX249AL
Item
Readout clock voltage
VVT
VVH1, VVH2
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
| VVH1 – VVH2 |
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
VRGL
V
φRG
VRGLH – VRGLL
V
φSUB
14.55
–0.05
–0.2
–9.6
8.3
–0.25
–0.25
4.75
–0.05
4.5
23.0
15.0
0
0
–9.0
9.0
5.0
0
∗1
5.0
24.0
15.45
0.05
0.05
–8.5
9.65
0.1
0.1
0.1
0.5
0.5
0.5
0.5
5.25
0.05
5.5
0.8
25.0
V
V
V
V
Vp-p
V
V
V
V
V
V
V
Vp-p
V
V
Vp-p
V
Vp-p
1
2
2
2
2
2
2
2
2
2
2
2
3
3
4
4
4
5
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
Low-level coupling
Horizontal transfer
clock voltage
Reset gate clock
voltage∗1
Substrate clock voltage
Vertical transfer clock
voltage
Symbol
Min.
Typ. Max. Unit
Waveform
diagram
Remarks
Item
Symbol
Min.
Typ. Max. Unit
Waveform
diagram
Remarks
∗1 Input the reset gate clock without applying a DC bias. In addition, the reset gate clock can also be driven
with the following specifications.
Reset gate clock
voltage
VRGL
V
φRG
–0.2
8.5
0
9.0
0.2
9.5
V
Vp-p
4
4
Clock Voltage Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com