Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXD20FS Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # PXD20FS
Description  PXD20 Family Built on Power Architecture짰 Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD20FS Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  PXD20FS Datasheet HTML 1Page - Freescale Semiconductor, Inc PXD20FS Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Architecture® MCUs
PXD20 Family Built on Power
Architecture® Technology
Overview
The PXD20 family of 32-bit MCUs built on Power Architecture® technology provides
a cost-effective, single-chip display solution for the industrial market. Integrated TFT
drivers with digital video input ability from an external video source, significant on-chip
memory (including dedicated graphics memory) and low-power design methodologies
provide flexibility and reliability in meeting display demands in rugged environments.
The platform architecture includes on-chip display control units that directly drive up to
two TFT displays. The PXD20 family offers you a high-quality industrial display solution.
Quality industrial display solutions
Target Applications
• Factorydisplayunits
• Buildingcontroldisplayunits
• Ruggedizeddisplays
• Industrialinstrumentation
PXD20 Block Diagram
System
Watchdog
DMA
(16-ch.)
e200z4
Periodic
Interrupt Timer
System
Timer
Interrupt
Controller
Control
ADC
(20-ch., 10-bit)
2 x Timer
(16-ch.)
Stepper
Motor
Drivers
Memory
2 x SRAM
Controller
DRAM
Controller
64 KB
SRAM
w/ECC
1 MB
Graphics
SRAM
2 MB
Flash
w/ECC
Quad
SPI Flash
Interface
CACHE
MMU
Debug
Core
VLE
Boot Assist
Module (BAM)
Memory
Protection Unit
Nexus
JTAG
VReg
RTC
32K OSC
2 x Frequency
Modulated PLL
Display Control
Unit Lite
Display Control
Unit
Video Input
Graphics Accelerator
Clock Monitor
Unit
Crossbar
Switch
Communication
3 x
SPI
4 x
UART
3 x
CAN
Sound
Generation Module
4 x
I2C
Display
PXD20 Block Diagram


Similar Part No. - PXD20FS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXD20 FREESCALE-PXD20 Datasheet
778Kb / 130P
PXD20 Microcontroller
logo
TDK Electronics
PXD20 TDK-PXD20 Datasheet
163Kb / 2P
10-20W Single and Dual Output DC-DC Converters
Revision B2: Apr 2015
PXD20 TDK-PXD20 Datasheet
784Kb / 4P
Single and Dual Output 10 to 20W DC-DC Converters
PXD20-12D12 TDK-PXD20-12D12 Datasheet
398Kb / 2P
Single and Dual Output 10 to 20W DC-DC Converters
PXD20-12D12 TDK-PXD20-12D12 Datasheet
163Kb / 2P
10-20W Single and Dual Output DC-DC Converters
Revision B2: Apr 2015
More results

Similar Description - PXD20FS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC56EC74L7 STMICROELECTRONICS-SPC56EC74L7 Datasheet
1Mb / 118P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
December 2011 Rev 4
SPC560B64L5 STMICROELECTRONICS-SPC560B64L5 Datasheet
1,011Kb / 134P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
12-Sep-2011
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
01-Dec-2011
SPC564B74L7 STMICROELECTRONICS-SPC564B74L7 Datasheet
1Mb / 118P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
01-Dec-2011
logo
Freescale Semiconductor...
PXD20 FREESCALE-PXD20 Datasheet
778Kb / 130P
PXD20 Microcontroller
PXD20RM FREESCALE-PXD20RM Datasheet
7Mb / 1628P
PXD20 Microcontroller
PXS30FS FREESCALE-PXS30FS Datasheet
700Kb / 2P
PXS30 Family Built on Power Architecture짰 Technology
MPC8548EPXAUJB FREESCALE-MPC8548EPXAUJB Datasheet
849Kb / 151P
High-performance 32-bit core built on Power Architecture짰 technology.
logo
AVAGO TECHNOLOGIES LIMI...
CS9271-8I AVAGO-CS9271-8I Datasheet
604Kb / 2P
Built on MegaRAID Technology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com