Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXN20PB Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # PXN20PB
Description  32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXN20PB Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button PXN20PB Datasheet HTML 15Page - Freescale Semiconductor, Inc PXN20PB Datasheet HTML 16Page - Freescale Semiconductor, Inc PXN20PB Datasheet HTML 17Page - Freescale Semiconductor, Inc PXN20PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXN20PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXN20PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXN20PB Datasheet HTML 21Page - Freescale Semiconductor, Inc PXN20PB Datasheet HTML 22Page - Freescale Semiconductor, Inc PXN20PB Datasheet HTML 23Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Developer Support
PXN20 Product Brief, Rev. 1
Freescale Semiconductor
21
•
Controls arbitration between e200Z6 and e200Z0 Nexus modules to the Nexus Auxiliary output
port
•
Generates full port mode indication output port
•
Generates MCKO and frequency division (1/2, 1/4, 1/8).
•
Controls sharing of EVTO/EVTI
•
Enables gating of MCKO when the auxiliary output port is idle.
e200Z6 development support features (Nexus class3)
•
IEEE-ISTO 5001-2003 standard class 3 compliant
•
Program trace via branch trace messaging (BTM)
•
Data trace via data write messaging (DWM) and data read messaging (DRM). This allows the
development tools to trace reads and /or writes to selected internal memory resources
•
Ownership via ownership trace messaging (OTM). OTM facilitates ownership trace by providing
visibility of which process ID or operating system task is activated
•
Run-time access to the e200Z6 memory map via the JTAG port
•
Watchpoint messaging
•
Watchpoint trigger enable of program and/or data trace messaging
e200Z0 development support features (Nexus class 2+)
•
IEEE-ISTO 5001-2003 standard class 2 compliant with additional class 3 and 4 features available
•
Program trace via branch trace messaging (BTM)
•
Ownership via ownership trace messaging (OTM)
— OTM facilitates ownership trace by providing visibility of which process ID or operating
system task is activated
•
Run-time access to the e200Z6 memory map via the JTAG port
•
Watchpoint messaging
•
Watchpoint trigger enable of program and/or data trace messaging
Capability of an event output signal from either core to generate a debug request in the other core
•
All Nexus port pins operate at 3.3 V levels
•
Nexus supports debug through reset and low power
3
Developer Support
This family of MCUs is suppported by Freescale's Tower Development System as well as a broad set of
advanced debug and runtime software:
•
CodeWarrior
•FreeMaster
•MQX
•
RAppID Init
•
RAppID Toolbox



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com