Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXS30FS Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # PXS30FS
Description  PXS30 Family Built on Power Architecture짰 Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXS30FS Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  PXS30FS Datasheet HTML 1Page - Freescale Semiconductor, Inc PXS30FS Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Architecture® MCUs
PXS30 Family Built on
Power Architecture® Technology
Overview
PSX30 32-bit Power Architecture® based dual-core MCUs are designed specifically
for use in industrial safety applications. All devices in this family are built around a
dual-core safety platform with an innovative safety concept targeting systems with
International Electrotechnical Commission (IEC) 61508 SIL3 safety integrity levels. To
minimize additional software and module-level features, on-chip redundancy is offered
for the critical components of the MCU. Critical components include the CPU core,
DMA controller, interrupt controller, crossbar bus system, memory protection unit, flash
memory and RAM controllers, peripheral bus bridge, system timers and watchdog
timer. Lock step redundancy checking units are implemented at each output of this
sphere of replication. The performance of the PXS30 family is rarely experienced in an
MCU with over 600 possible DMIPs, up to 2 MB of flash and Ethernet communication.
The PXS30 family is part of the SafeAssure program, which is designed to help system
manufacturers more easily achieve compliance with functional safety standards.
Safety with performance
Target Applications
Factory Automation
• Programmable logic control
• Input/output (I/O) control
• Process control, temperature control
• Robotic arm
• Robotic manipulator
Smart Grid and Smart Metering
• Residential solar power inverters
• Commercial solar power inverters
• Off-grid solar power inverters
Diagnostic and Therapy
• Anesthesia unit monitors
• Ventilators and respirators
Crossbar Masters
Vreg
PXS30 Block Diagram
SPE2
e200 Core
eDMA
Interrupt
Controller
VLE
MMU
FlexRay™
Controller
PDI
SPE2
e200 Core
VLE
MMU
Vreg
eDMA
Interrupt
Controller
Debug
JTAG
Nexus
Memory Protection Unit
Crossbar Switch
Memory Protection Unit
Crossbar Switch
I/O
Bridge
EBI
RC
Flash
(ECC)
I/O
Bridge
MDDR1
RC
RC
Flash
(ECC)
PXS30 Block Diagram


Similar Part No. - PXS30FS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS30 FREESCALE-PXS30 Datasheet
792Kb / 139P
PXS30 Microcontroller
More results

Similar Description - PXS30FS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC56EC74L7 STMICROELECTRONICS-SPC56EC74L7 Datasheet
1Mb / 118P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
December 2011 Rev 4
SPC560B64L5 STMICROELECTRONICS-SPC560B64L5 Datasheet
1,011Kb / 134P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
12-Sep-2011
SPC560D40L1 STMICROELECTRONICS-SPC560D40L1 Datasheet
763Kb / 82P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
01-Dec-2011
SPC564B74L7 STMICROELECTRONICS-SPC564B74L7 Datasheet
1Mb / 118P
32-bit MCU family built on the Power Architecture® for automotive body electronics applications
01-Dec-2011
logo
Freescale Semiconductor...
PXD20FS FREESCALE-PXD20FS Datasheet
406Kb / 2P
PXD20 Family Built on Power Architecture짰 Technology
PXS30 FREESCALE-PXS30 Datasheet
792Kb / 139P
PXS30 Microcontroller
MPC8548EPXAUJB FREESCALE-MPC8548EPXAUJB Datasheet
849Kb / 151P
High-performance 32-bit core built on Power Architecture짰 technology.
logo
AVAGO TECHNOLOGIES LIMI...
CS9271-8I AVAGO-CS9271-8I Datasheet
604Kb / 2P
Built on MegaRAID Technology
logo
STMicroelectronics
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com