Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W2RV005RM Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # W2RV005RM
Description  Most Suitable Constant Current IC for Driving Full Color LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

W2RV005RM Datasheet(HTML) 2 Page - Omron Electronics LLC

  W2RV005RM Datasheet HTML 1Page - Omron Electronics LLC W2RV005RM Datasheet HTML 2Page - Omron Electronics LLC W2RV005RM Datasheet HTML 3Page - Omron Electronics LLC W2RV005RM Datasheet HTML 4Page - Omron Electronics LLC W2RV005RM Datasheet HTML 5Page - Omron Electronics LLC W2RV005RM Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Constant Current IC
W2RV005RM
Timing Characteristics (Ta = 25°C, VCC = 12V)
Engineering Data
Block Diagram
Terminal Designation
Note: Connect unused input pins to a power supply (voltage equal to
V
CC or less) like I/O, and leave unused output pins open.
Functions
Output Current vs. Input Resistance
Note: The figures in the table show theoretical values obtained when
one end of R
IN is connected to GND.
Item
Symbol
Condition
Spec.
Unit
Applicable
terminal
Min.
Typ.
Max.
ON output propagation time
t
ON
R
IN = 6.8 kΩ, VOUT = 4.0V, Output current IOUT x 0.9 arrival time.
- - -
1.0
- - -
μS
IN1 to 3
OUT1 to 3
OFF output propagation time
t
OFF
R
IN = 6.8 kΩ, VOUT = 4.0V, Output current IOUT x 0.1 arrival time.
- - -
0.4
- - -
μS
IN2
IN3
GND
IN1
Thermal
shutdown
OUT2
OUT3
VCC
OUT1
Constant current
circuit 1
Constant current
circuit 2
Constant current
circuit 3
Terminal Number
Terminal Name
Description
1
IN1
Input pin 1
2
IN2
Input pin 2
3
IN3
Input pin 3
4
GND
Ground
5
OUT3
Output pin 3
6
OUT2
Output pin 2
7
OUT1
Output pin 1
8
V
CC
Power Supply
IN
OUT
GND
VCC
Control output
R
IN
I
IN
12V
I
OUT
W2RV005RM
Control IC, CPU, etc.
TTL
C-MOS
Open collector
Open drain
Control output
Input current
I
IN
Output current
I
OUT
Logic H or open
OFF
OFF
Logic L
ON
ON
30
30
40
50
20
20
RIN (kΩ)
10
10
0
0
Ta = 25ºC
VCC = 12V
VOUT = 4V
Output current
I
OUT (mA)
Input Resistance
R
IN (kΩ)
5
29.6
10
14.6
15
9.59
20
7.12
25
5.65
30
4.67



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com