Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX285AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX285AL
Description  Diagonal 11 mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX285AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX285AL Datasheet HTML 1Page - Sony Corporation ICX285AL Datasheet HTML 2Page - Sony Corporation ICX285AL Datasheet HTML 3Page - Sony Corporation ICX285AL Datasheet HTML 4Page - Sony Corporation ICX285AL Datasheet HTML 5Page - Sony Corporation ICX285AL Datasheet HTML 6Page - Sony Corporation ICX285AL Datasheet HTML 7Page - Sony Corporation ICX285AL Datasheet HTML 8Page - Sony Corporation ICX285AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
– 5 –
ICX285AL
Item
Capacitance between vertical transfer clock and GND
Capacitance between vertical transfer clocks
Capacitance between horizontal transfer clock and GND
Capacitance between horizontal transfer clocks
Capacitance between reset gate clock and GND
Capacitance between substrate clock and GND
Vertical transfer clock series resistor
Vertical transfer clock ground resistor
Horizontal transfer clock series resistor
Reset gate clock ground resistor
Clock Equivalent Circuit Constants
Symbol
C
φV1
C
φV2A
C
φV2B
C
φV3
C
φV4
C
φV12A
C
φV12B
C
φV2A3
C
φV2B3
C
φV14
C
φV34
C
φV2A4
C
φV2B4
C
φH1
C
φH2
C
φHH
C
φRG
C
φSUB
R1, R3
R2A, R2B
R4
RGND
R
φH
R
φRG
Typ.
5600
6800
22000
8200
22000
150
390
270
470
2200
330
390
560
47
39
74
4
1300
30
32
20
60
7.5
24
Max.
Unit
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
Ω
Ω
Ω
Ω
Ω
Ω
Remarks
Min.
Vertical transfer clock equivalent circuit
Reset gate clock equivalent circuit
Horizontal transfer clock equivalent circuit
C
φV34
C
φV2B4
C
φV2B
R1
R2B
C
φV2A3
V
φ4
C
φV2A4
C
φV12A
RGND
C
φV1
V
φ1
C
φV41
C
φV4
C
φV12B
C
φV2A
C
φV2B3
C
φV3
R2A
R3
V
φ3
V
φ2A
V
φ2B
R4
H
φ1
H
φ2
C
φH1
C
φH2
C
φHH
R
φH
R
φH
H
φ1
H
φ2
R
φH
R
φH
C
φRG
RG
φ
R
φRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com