Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7247B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7247B
Description  2A, 18V, 1.2MHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7247B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7247B Datasheet HTML 7Page - Richtek Technology Corporation RT7247B Datasheet HTML 8Page - Richtek Technology Corporation RT7247B Datasheet HTML 9Page - Richtek Technology Corporation RT7247B Datasheet HTML 10Page - Richtek Technology Corporation RT7247B Datasheet HTML 11Page - Richtek Technology Corporation RT7247B Datasheet HTML 12Page - Richtek Technology Corporation RT7247B Datasheet HTML 13Page - Richtek Technology Corporation RT7247B Datasheet HTML 14Page - Richtek Technology Corporation RT7247B Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT7247B
13
DS7247B-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 8. Derating Curve of Maximum Power Dissipation
(a) Copper Area = (2.3 x 2.3) mm2,
θJA = 75°C/W
(b) Copper Area = 10mm2,
θJA = 64°C/W
(c) Copper Area = 30mm
2 ,
θJA = 54°C/W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
25
50
75
100
125
Ambient Temperature (°C)
Copper Area
70mm
2
50mm
2
30mm
2
10mm
2
Min.Layout
Four-Layer PCB
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 8 of derating
curves allows the designer to see the effect of rising
ambient temperature on the maximum power dissipation
allowed.
(d) Copper Area = 50mm2 ,
θJA = 51°C/W
(e) Copper Area = 70mm
2 ,
θJA = 49°C/W
Figure 7. Thermal Resistance vs. Copper Area Layout
Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com