Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7248 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7248
Description  2A, 18V, 340kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7248 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7248 Datasheet HTML 1Page - Richtek Technology Corporation RT7248 Datasheet HTML 2Page - Richtek Technology Corporation RT7248 Datasheet HTML 3Page - Richtek Technology Corporation RT7248 Datasheet HTML 4Page - Richtek Technology Corporation RT7248 Datasheet HTML 5Page - Richtek Technology Corporation RT7248 Datasheet HTML 6Page - Richtek Technology Corporation RT7248 Datasheet HTML 7Page - Richtek Technology Corporation RT7248 Datasheet HTML 8Page - Richtek Technology Corporation RT7248 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT7248
2
DS7248-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap for High Side Gate Driver. Connect a 100nF or greater ceramic
capacitor from BOOT to SW pins.
2
VIN
Input Supply Voltage, 4.5V to 18V. Must bypass with a suitable large
ceramic capacitor.
3
SW
Phase Node. Connect this pin to external L-C filter.
4, 9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected
to GND for maximum power dissipation.
5
FB
Feedback Input Pin. This pin is connected to the converter output. It is used
to set the output of the converter to regulate to the desired value via an
external resistive voltage divider. For an adjustable output, an external
resistive voltage divider is connected to this pin.
6
COMP
Compensation Node. COMP is used to compensate the regulation control
loop. Connect a series RC network from COMP to GND. In some cases, an
additional capacitor from COMP to GND is required.
7
EN
Enable Input pin. A logic high enables the converter; a logic low forces the
IC into shutdown mode reducing the supply current to less than 3
μA. Attach
this pin to VIN with a 100k
Ω pull up resistor for automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a
capacitor from SS to GND to set the soft-start period. A 0.1
μF capacitor
sets the soft-start period to 15.5ms.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
RT7248
Lead Plating System
G : Green (Halogen Free and Pb Free)
H : UVP Hiccup
N : UVP Disabled
Pin Configurations
(TOP VIEW)
BOOT
VIN
SW
GND
SS
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
SOP-8 (Exposed Pad)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com