Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7259 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT7259
Description  10A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7259 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT7259 Datasheet HTML 1Page - Richtek Technology Corporation RT7259 Datasheet HTML 2Page - Richtek Technology Corporation RT7259 Datasheet HTML 3Page - Richtek Technology Corporation RT7259 Datasheet HTML 4Page - Richtek Technology Corporation RT7259 Datasheet HTML 5Page - Richtek Technology Corporation RT7259 Datasheet HTML 6Page - Richtek Technology Corporation RT7259 Datasheet HTML 7Page - Richtek Technology Corporation RT7259 Datasheet HTML 8Page - Richtek Technology Corporation RT7259 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
DS7259-00
January 2012
www.richtek.com
RT7259
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
Pin Configurations
(TOP VIEW)
WDFN-14L 4x3
FB
PGOOD
VIN
VIN
GND
BG
VCC
SW
BOOT
EN/SYNC
VIN
SW
NC
SW
13
12
11
1
2
3
4
5
14
69
10
GND
15
78
14= : Product Code
YMDNN : Date Code
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
FB
Feedback Input. This pin is connected to the converter output. It is used to set
the output of the converter to regulate to the desired value via an external
resistive divider. The feedback reference voltage is 0.808V typically.
2
PGOOD
Power Good Indicator with Open Drain. A 100k
Ω pull-high resistor is needed.
The output of this pin is pulled to low when the FB is lower than 0.75V; otherwise
it is high impedance.
3
EN/SYNC
Enable or External Frequency Synchronization Input. A logic-high (2V < EN <
5.5V) enables the converter; a logic-low forces the IC into shutdown mode
reducing the supply current to less than 3
μA. For external frequency
synchronization operation, the available frequency range is from 300kHz to
1.5MHz.
4, 5, 6
VIN
Power Input. The available input voltage range is from 4.5V to 24V. A 22
μF or
larger input capacitor is needed to reduce voltage spikes at the input.
7
NC
No Internal Connection.
8, 9, 10
SW
Switching Node. Output of the internal high side MOSFET. Connect this pin to
external low side N-MOSFET, inductor and bootstrap capacitor.
11
BOOT
Bootstrap for High side Gate Driver. Connect a 1
μF ceramic capacitor between
the BOOT pin and SW pin.
12
VCC
BG Driver Bias Supply. Decouple with a 1
μF X5R/X7R ceramic capacitor
between the VCC pin and GND.
13
BG
Gate Driver Output. Connect this pin to the gate of the external low side
N-MOSFET.
14,
15 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum thermal dissipation.
RT7259
Package Type
QW : WDFN-14L 4x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
14=YM
DNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com