Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F205RB Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 55Page - STMicroelectronics STM32F205RB Datasheet HTML 56Page - STMicroelectronics STM32F205RB Datasheet HTML 57Page - STMicroelectronics STM32F205RB Datasheet HTML 58Page - STMicroelectronics STM32F205RB Datasheet HTML 59Page - STMicroelectronics STM32F205RB Datasheet HTML 60Page - STMicroelectronics STM32F205RB Datasheet HTML 61Page - STMicroelectronics STM32F205RB Datasheet HTML 62Page - STMicroelectronics STM32F205RB Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 177 page
background image
STM32F20xxx
Memory mapping
Doc ID 15818 Rev 9
59/177
Figure 14.
Memory map
512-Mbyte
block 7
Cortex-M3's
internal
peripherals
512-Mbyte
block 6
Not used
512-Mbyte
block 5
FSMC registers
512-Mbyte
block 4
FSMC bank 3
& bank4
512-Mbyte
block 3
FSMC bank1
& bank2
512-Mbyte
block 2
Peripherals
512-Mbyte
block 1
SRAM
0x0000 0000
0x1FFF FFFF
0x2000 0000
0x3FFF FFFF
0x4000 0000
0x5FFF FFFF
0x6000 0000
0x7FFF FFFF
0x8000 0000
0x9FFF FFFF
0xA000 0000
0xBFFF FFFF
0xC000 0000
0xDFFF FFFF
0xE000 0000
0xFFFF FFFF
512-Mbyte
block 0
Code
Flash
0x0810 0000 - 0x0FFF FFFF
0x1FFF 0000 - 0x1FFF 7A0F
0x1FFF C000 - 0x1FFF C007
0x0800 0000 - 0x080F FFFF
0x0001 C000 - 0x07FF FFFF
0x0000 0000 - 0x000F FFFF
System memory + OTP
Reserved
Reserved
Aliased to Flash, system
memory or SRAM depending
on the BOOT pins
SRAM (16 KB aliased
by bit-banding)
Reserved
0x2000 0000 - 0x2001 BFFF
0x2001 C000 - 0x2001 FFFF
0x2002 0000 - 0x3FFF FFFF
TIM2
TIM3
0x4000 0000 - 0x4000 03FF
TIM4
TIM5
TIM6
TIM7
Reserved
0x4000 0400 - 0x4000 07FF
0x4000 0800 - 0x4000 0BFF
0x4000 0C00 - 0x4000 0FFF
0x4000 1000 - 0x4000 13FF
0x4000 2000 - 0x4000 23FF
0x4000 2400 - 0x4000 27FF
RTC & BKP registers
0x4000 2800 - 0x4000 2BFF
WWDG
0x4000 2C00 - 0x4000 2FFF
IWDG
0x4000 3000 - 0x4000 33FF
Reserved
0x4000 3400 - 0x4000 37FF
SPI2/I2S2
0x4000 3800 - 0x4000 3BFF
SPI3/I2S3
0x4000 3C00 - 0x4000 3FFF
Reserved
0x4000 4000 - 0x4000 43FF
USART2
0x4000 4400 - 0x4000 47FF
0x4000 4800 - 0x4000 4BFF
USART3
UART4
0x4000 4C00 - 0x4000 4FFF
UART5
0x4000 5000 - 0x4000 53FF
I2C1
0x4000 5400 - 0x4000 57FF
I2C2
0x4000 5800 - 0x4000 5BFF
Reserved
0x4000 6C00 - 0x4000 6FFF
0x4000 7000 - 0x4000 73FF
PWR
0x4000 7400 - 0x4000 77FF
DAC1/DAC2
0x4000 7800 - 0x4000 FFFF
TIM1 / PWM1
0x4001 0000 - 0x4001 03FF
TIM8 / PWM2
0x4001 0400 - 0x4001 07FF
Port A
USART1
0x4001 1000 - 0x4001 13FF
0x4001 1400 - 0x4001 17FF
Port B
0x4001 1800 - 0x4001 1FFF
Port C
0x4001 2000 - 0x4001 23FF
Port D
0x4001 2400 - 0x4001 27FF
Port E
0x4001 2800 - 0x4001 2BFF
Port F
0x4001 2C00 - 0x4001 2FFF
Port G
0x4001 3000 - 0x4001 33FF
Reserved
0x4001 3400 - 0x4001 37FF
0x4001 3800 - 0x4001 3BFF
0x4001 4000 - 0x4001 43FF
0x4001 4400 - 0x4001 47FF
USART6
0x4001 4800 - 0x4001 4BFF
0x4002 0000 - 0x4002 03FF
0x4002 0C00 - 0x4002 0FFF
0x4002 1000 - 0x4002 13FF
0x4002 1400 - 0x4002 17FF
Reset clock controller (RCC)
0x4002 1800 - 0x4002 1BFF
Port H
0x4002 1C00 - 0x4002 1FFF
Flash interface
0x4002 2000 - 0x4002 23FF
Reserved
0x4002 2400 - 0x4002 2FFF
CRC
0x4002 3000 - 0x4002 33FF
FSMC bank1 NOR/PSRAM 1
0x6000 0000 - 0x63FF FFFF
FSMC bank1 NOR/PSRAM 2
0x6400 0000 - 0x67FF FFFF
FSMC bank1 NOR/PSRAM 3
0x6800 0000 - 0x6BFF FFFF
FSMC bank1 NOR/PSRAM 4
0x6C00 0000 - 0x6FFF FFFF
FSMC bank2 NAND (NAND1)
0x7000 0000 - 0x7FFF FFFF
FSMC bank3 NAND (NAND2)
0x8000 0000 - 0x8FFF FFFF
FSMC bank4 PC Card
0x9000 0000 - 0x9FFF FFFF
FSMC control register
0xA000 0000 - 0xA000 0FFF
0xA000 1000 - 0xBFFF FFFF
ai17615c
Option Bytes
TIM10
SYSCFG
0x4002 0400 - 0x4002 07FF
0x4002 0800 - 0x4002 0BFF
SDIO
Reserved
Reserved
0x4001 4C00 - 0x4001 FFFF
EXTI
0x4001 3C00 - 0x4001 3FFF
Reserved
BxCAN2
0x4000 6000 - 0x4000 63FF
0x4000 6400 - 0x4000 67FF
0x4000 6800 - 0x4000 6BFF
0x5006 1000 - 0x5FFF FFFF
Reserved
0x5005 0000 - 0x5005 03FF
DCMI
0x5004 0000 - 0x5004 0FFF
Reserved
0x5000 0000 - 0x5003 FFFF
USB OTG FS
0x4002 9400 - 0x4FFF FFFF
Reserved
0x4004 0000 - 0x4007 FFFF
USB OTG HS
Reserved
0x4002 9400 - 0x4003 FFFF
0x4002 8000 - 0x4002 93FF
ETHERNET
Reserved
0x4002 6800 - 0x4002 7FFF
0x4002 6400 - 0x4002 67FF
0x4002 6000 - 0x4002 63FF
DMA2
DMA1
Reserved
0x4002 5000 - 0x4002 5FFF
0x4002 4000 - 0x4002 4FFF
BKPSRAM
0x4002 3C00 - 0x4002 3FFF
0x4002 3800 - 0x4002 3BFF
Reserved
0x4002 3400 - 0x4002 37FF
Port I
TIM11
TIM9
SPI1
ADC1 - ADC2 - ADC3
Reserved
BxCAN1
0x4000 5C00 - 0x4000 5FFF
I2C3
Reserved
TIM12
TIM13
TIM14
0x4000 1C00 - 0x4000 1FFF
0x4000 1800 - 0x4000 1BFF
0x4000 1400 - 0x4000 17FF
SRAM (112 KB aliased
by bit-banding)
Reserved
0x1FFF C008 - 0x1FFF FFFF
0x1FFF 7A10 - 0x1FFF 7FFF
Reserved
Reserved
0x5006 0800 - 0x5006 0FFF
RNG
Reserved
0x5005 0400 - 0x5006 7FFF
0x4001 0800 - 0x4001 0FFF
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com