Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F205RB Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 112Page - STMicroelectronics STM32F205RB Datasheet HTML 113Page - STMicroelectronics STM32F205RB Datasheet HTML 114Page - STMicroelectronics STM32F205RB Datasheet HTML 115Page - STMicroelectronics STM32F205RB Datasheet HTML 116Page - STMicroelectronics STM32F205RB Datasheet HTML 117Page - STMicroelectronics STM32F205RB Datasheet HTML 118Page - STMicroelectronics STM32F205RB Datasheet HTML 119Page - STMicroelectronics STM32F205RB Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 177 page
background image
Electrical characteristics
STM32F20xxx
116/177
Doc ID 15818 Rev 9
Equation 1: RAIN max formula
The formula above (Equation 1) is used to determine the maximum external impedance
allowed for an error below 1/4 of LSB. N = 12 (from 12-bit resolution) and k is the number of
sampling periods defined in the ADC_SMPR1 register.
fS
(3)
Sampling rate
(fADC = 30 MHz)
12-bit resolution
Single ADC
--
2
Msps
12-bit resolution
Interleave Dual ADC
mode
-
-
3.75
Msps
12-bit resolution
Interleave Triple ADC
mode
--
6
Msps
IVREF+
(3)
ADC VREF DC current
consumption in conversion mode
fADC = 30 MHz
3 sampling time
12-bit resolution
-
300
500
µA
fADC = 30 MHz
480 sampling time
12-bit resolution
--
16
µA
IVDDA
(3)
ADC VDDA DC current
consumption in conversion mode
fADC = 30 MHz
3 sampling time
12-bit resolution
-1.6
1.8
mA
fADC = 30 MHz
480 sampling time
12-bit resolution
--
60
µA
1.
If IRROFF is set to VDD, this value can be lowered to 1.7 V when the device operates in the 0 to 70 °C temperature range.
2.
It is recommended to maintain the voltage difference between VREF+ and VDDA below 1.8 V.
3.
Based on characterization, not tested in production.
4.
VREF+ is internally connected to VDDA and VREF- is internally connected to VSSA.
5.
RADC maximum value is given for VDD=1.8 V, and minimum value for VDD=3.3 V.
6.
For external triggers, a delay of 1/fPCLK2 must be added to the latency specified in Table 64.
Table 64.
ADC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RAIN
k0.5
–
()
fADC CADC
2
N
2
+
()
ln
×
×
-------------------------------------------------------------- RADC
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com