Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F205RB Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 136Page - STMicroelectronics STM32F205RB Datasheet HTML 137Page - STMicroelectronics STM32F205RB Datasheet HTML 138Page - STMicroelectronics STM32F205RB Datasheet HTML 139Page - STMicroelectronics STM32F205RB Datasheet HTML 140Page - STMicroelectronics STM32F205RB Datasheet HTML 141Page - STMicroelectronics STM32F205RB Datasheet HTML 142Page - STMicroelectronics STM32F205RB Datasheet HTML 143Page - STMicroelectronics STM32F205RB Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 177 page
background image
Electrical characteristics
STM32F20xxx
140/177
Doc ID 15818 Rev 9
Figure 70.
NAND controller waveforms for common memory read access
Figure 71.
NAND controller waveforms for common memory write access
Table 80.
Switching characteristics for NAND Flash read cycles(1)(2)
1.
CL = 30 pF.
2.
Based on characterization, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(N0E)
FSMC_NOE low width
4THCLK- 1
4THCLK+ 2
ns
tsu(D-NOE)
FSMC_D[15-0] valid data before FSMC_NOE
high
9-
ns
th(NOE-D)
FSMC_D[15-0] valid data after FSMC_NOE high
3
-
ns
td(ALE-NOE) FSMC_ALE valid before FSMC_NOE low
-
3THCLK
ns
th(NOE-ALE) FSMC_NWE high to FSMC_ALE invalid
3THCLK+ 2
-
ns
FSMC_NWE
FSMC_NOE
FSMC_D[15:0]
tw(NOE)
tsu(D-NOE)
th(NOE-D)
ai14912c
ALE (FSMC_A17)
CLE (FSMC_A16)
FSMC_NCEx
td(ALE-NOE)
th(NOE-ALE)
tw(NWE)
th(NWE-D)
tv(NWE-D)
ai14913c
FSMC_NWE
FSMC_NOE
FSMC_D[15:0]
td(D-NWE)
ALE (FSMC_A17)
CLE (FSMC_A16)
FSMC_NCEx
td(ALE-NOE)
th(NOE-ALE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com