Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F205RB Datasheet(PDF) 162 Page - STMicroelectronics

Part # STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Datasheet(HTML) 162 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 158Page - STMicroelectronics STM32F205RB Datasheet HTML 159Page - STMicroelectronics STM32F205RB Datasheet HTML 160Page - STMicroelectronics STM32F205RB Datasheet HTML 161Page - STMicroelectronics STM32F205RB Datasheet HTML 162Page - STMicroelectronics STM32F205RB Datasheet HTML 163Page - STMicroelectronics STM32F205RB Datasheet HTML 164Page - STMicroelectronics STM32F205RB Datasheet HTML 165Page - STMicroelectronics STM32F205RB Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 177 page
background image
Application block diagrams
STM32F20xxx
162/177
Doc ID 15818 Rev 9
Figure 92.
Audio player solution using PLL, PLLI2S, USB and 1 crystal
Figure 93.
Audio PLL (PLLI2S) providing accurate I2S clock
OTG
48 MHz
PHY
XTAL
25 MHz
or 14.7456 MHz
ai18412b
I2S
<0.04%
accuracy)
DAC +
Audio
ampli
MCLK out
SCLK
MCO1/
MCO2
PLLI2S
x N2
PLL
x N1
Div
by M
Div
by P
Div
by Q
up to
120 MHz
Cortex-M3 core
up to 120 MHz
Div
by R
MCLK
in
MCO1PRE
MCO2PRE
I2S CTL
I2S_MCK = 256 × FSAUDIO
11.2896 MHz for 44.1 kHz
12.2880 MHz for 48.0 kHz
I2S_MCK
PLLI2S
/M
M=1,2,3,..,64
1 MHz
192 to 432 MHz
N=192,194,..,432
I2SCOM_CK
PhaseC
VCO
/N
/R
CLKIN
Phase lock detector
R=2,3,4,5,6,7
I2SD=2,3,4.. 129
ai16041b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com