Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7263B Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT7263B
Description  3A, 21V 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7263B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT7263B Datasheet HTML 7Page - Richtek Technology Corporation RT7263B Datasheet HTML 8Page - Richtek Technology Corporation RT7263B Datasheet HTML 9Page - Richtek Technology Corporation RT7263B Datasheet HTML 10Page - Richtek Technology Corporation RT7263B Datasheet HTML 11Page - Richtek Technology Corporation RT7263B Datasheet HTML 12Page - Richtek Technology Corporation RT7263B Datasheet HTML 13Page - Richtek Technology Corporation RT7263B Datasheet HTML 14Page - Richtek Technology Corporation RT7263B Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT7263B
13
DS7263B-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Thermal Shutdown
Thermal shutdown in implemented to prevent the chip from
operating at excessively high temperatures. When the
junction temperature is higher than 150
°C, the chip is
shut down the switching operation. The chip is
automatically re-enabled when the junction temperature
cools down by approximately 30
°C.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TA is
the ambient temperature, and
θJAis the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
WDFN-14L 4x3 package, the thermal resistance,
θJA, is
60
°C/W on a standard JEDEC 51-7 four-layer thermal test
board. The maximum power dissipation at TA = 25
°C can
be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (60°C/W) = 1.667W for
WDFN-14L 4x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 7 allows the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
Figure 7. Derating Curve of Maximum Power Dissipation
0.00
0.30
0.60
0.90
1.20
1.50
1.80
0
255075
100
125
Ambient Temperature (°C)
Four-Layer PCB
Layout Considerations
Follow the PCB layout guidelines for optimal performance
of the IC.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
SW node is with high frequency voltage swing and
should be kept at small area. Keep analog components
away from the SW node to prevent stray capacitive noise
pickup.
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the IC.
Connect all analog grounds to a common node and then
connect the command node to the power ground behind
the output capacitors.
An example of PCB layout guide is shown in Figure 8
for reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com