Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8286 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8286
Description  2A, 21V 500kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8286 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8286 Datasheet HTML 1Page - Richtek Technology Corporation RT8286 Datasheet HTML 2Page - Richtek Technology Corporation RT8286 Datasheet HTML 3Page - Richtek Technology Corporation RT8286 Datasheet HTML 4Page - Richtek Technology Corporation RT8286 Datasheet HTML 5Page - Richtek Technology Corporation RT8286 Datasheet HTML 6Page - Richtek Technology Corporation RT8286 Datasheet HTML 7Page - Richtek Technology Corporation RT8286 Datasheet HTML 8Page - Richtek Technology Corporation RT8286 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT8286
2
DS8286-02
June 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VIN
Supply Input. VIN supplies the power to the IC, as well as the step-down converter
switches. Drive VIN with a 4.5V to 21V power source. Bypass VIN to GND with a
suitably large capacitor to eliminate noise on the input to the IC.
2, 3
SW
Switch Node. SW is the switching node that supplies power to the output. Connect
the output LC filter from SW to the output load. Note that a capacitor is required
from SW to BOOT to power the high side switch.
4
BOOT
High Side Gate Drive Boost Input. BOOT supplies the drive for the high side
N-MOSFET switch. Connect a 100nF or greater capacitor from SW to BOOT to
power the high side switch.
5
EN
Chip Enable (Active High). For automatic start up, connect the EN pin to VIN with
a 100k
Ω resistor.
6
FB
Feedback Input. FB senses the output voltage to regulate said voltage. Drive FB
with a resistive voltage divider from the output voltage. The feedback threshold is
0.808V.
7
VCC
Bias Supply. Decouple with 0.1
μF to 0.22μF capacitor. The capacitance should be
no more than 0.22
μF.
8,
9 (Exposed Pad)
GND
Ground. The Exposed Pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
Typical Application Circuit
Table 1. Recommended Components Selection
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
RT (kΩ)
L (
μH)
COUT (μF)
5
75
14.46
0
4.7
22 x 2
3.3
75
24.32
0
3.6
22 x 2
2.5
75
35.82
0
3.6
22 x 2
1.8
5
4.07
30
2
22 x 2
1.5
5
5.84
39
2
22 x 2
1.2
5
10.31
47
2
22 x 2
1.05
5
16.69
47
1.5
22 x 2
VIN
EN
GND
BOOT
FB
SW
5
6
1
2, 3
4
L
100nF
R2
22µF
RT8286
8, 9 (Exposed Pad)
CBOOT
RT
CIN
COUT
R1
VCC
0.1µF
CC
7
VIN
VOUT
Chip Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com