Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8288 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8288
Description  3A, 21V 500kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8288 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8288 Datasheet HTML 1Page - Richtek Technology Corporation RT8288 Datasheet HTML 2Page - Richtek Technology Corporation RT8288 Datasheet HTML 3Page - Richtek Technology Corporation RT8288 Datasheet HTML 4Page - Richtek Technology Corporation RT8288 Datasheet HTML 5Page - Richtek Technology Corporation RT8288 Datasheet HTML 6Page - Richtek Technology Corporation RT8288 Datasheet HTML 7Page - Richtek Technology Corporation RT8288 Datasheet HTML 8Page - Richtek Technology Corporation RT8288 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT8288
®
DS8288-03
June 2012
www.richtek.com
1
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configurations
(TOP VIEW)
3A, 21V 500kHz Synchronous Step-Down Converter
General Description
The RT8288 is a synchronous step-down regulator with
an internal power MOSFET. It achieves 3A of continuous
output current over a wide input supply range with excellent
load and line regulation. Current mode operation provides
fast transient response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle current
limiting and thermal shutdown. An internal soft-start
minimizes external parts count and internal compensation
circuitry.
The RT8288 requires a minimal number of readily available
external components, providing a compact solution.
Features
3A Output Current
Internal Soft-Start
120m
Ω
Ω
Ω
Ω
Ω/40mΩ
Ω
Ω
Ω
Ω Internal Power MOSFET Switch
Internal Compensation Minimizes External Parts
Count
Fixed 500kHz Frequency
Thermal Shutdown Protection
Cycle-by-Cycle Over Current Protection
Wide 4.5V to 21V Operating Input Range
Adjustable Output from 0.808V to 15V
Available in an SOP-8 (Exposed Pad) Package
RoHS Compliant and Halogen Free
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
SOP-8 (Exposed Pad)
Marking Information
Applications
Distributive Power Systems
Battery Charger
DSL Modems
Pre-Regulator for Linear Regulators
RT8288ZSP : Product Number
YMDNN : Date Code
VIN
SW
SW
BOOT
GND
VCC
EN
FB
GND
2
3
4
5
6
7
8
9
RT8288
ZSPYMDNN
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
RT8288
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)


Similar Part No. - RT8288

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
More results

Similar Description - RT8288

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263B RICHTEK-RT7263B Datasheet
353Kb / 15P
3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
3A, 21V 500kHz Synchronous Step-Down Converter
RT8287 RICHTEK-RT8287 Datasheet
348Kb / 14P
3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8716 MPS-MP8716 Datasheet
321Kb / 14P
High Efficiency 3A, 21V, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
21V, 3A, 500kHz Synchronous Step-down Converter
MP28256 MPS-MP28256 Datasheet
360Kb / 13P
21V, 3A 500kHz Synchronous Step-Down Coverter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
21V, 3A, 500kHz, Synchronous Step-Down Converter
MPQ28261 MPS-MPQ28261 Datasheet
606Kb / 20P
21V, 3A, 500kHz Synchronous Step-Down Coverter
EVQ28261-L-00A MPS-EVQ28261-L-00A Datasheet
343Kb / 6P
21V, 3A 500kHz Synchronous Step-down Converter EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com