Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8259GE Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8259GE
Description  1.2A, 24V, 1.4MHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8259GE Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8259GE Datasheet HTML 1Page - Richtek Technology Corporation RT8259GE Datasheet HTML 2Page - Richtek Technology Corporation RT8259GE Datasheet HTML 3Page - Richtek Technology Corporation RT8259GE Datasheet HTML 4Page - Richtek Technology Corporation RT8259GE Datasheet HTML 5Page - Richtek Technology Corporation RT8259GE Datasheet HTML 6Page - Richtek Technology Corporation RT8259GE Datasheet HTML 7Page - Richtek Technology Corporation RT8259GE Datasheet HTML 8Page - Richtek Technology Corporation RT8259GE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT8259
2
DS8259-03 March 2011
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap. A capacitor is connected between PHASE and BOOT pins to form a floating
supply across the power switch driver. This capacitor is needed to drive the power switch‘s
gate above the supply voltage.
2
GND
Ground. This pin is the voltage reference for the regulated output voltage. For this reason,
care must be taken in its layout. This node should be placed outside of the D1 to C1 ground
path to prevent switching current spikes from inducing voltage noise into the part.
3
FB
Feedback. An external resistor divider from the output to GND tapped to the FB pin sets the
output voltage. The value of the divider resistors also set loop bandwidth.
4
EN
Chip Enable (Active High). If the EN pin is open, it will be pulled to high by internal circuit.
5
VIN
Supply Voltage. Bypass VIN to GND with a suitable large capacitor to prevent large voltage
spikes from appearing at the input.
6
PHASE
Switch Output.
VOUT (V)
1.2
1.8
2.5
3.3
5
8
10
15
L1 (
μH)
2
2
3.6
4.7
6.8
10
10
15
R1 (k
Ω)
62
62
62
62
62
68
68
68
R2 (k
Ω)
124
49.9
29.4
19.6
12
7.5
5.9
3.9
Table 1. Recommended Component Selection, C2 = 22
μμμμμF
Driver
R
Q
S
Bootstrap
Control
+
-
Ramp
Generator
Oscillator
1.4MHz
+
-
PWM
Comparator
EA
Reference
Regulator
+
-
1.1V
1µA
+
-
400k
30pF
1pF
Shutdown
Comparator
OC Limit Clamp
Current Sense Amp
X20
BOOT
GND
FB
EN
VIN
PHASE
10k
3V
25mΩ
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com