Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX521 Datasheet(PDF) 2 Page - Sony Corporation

Part # ILX521
Description  256-pixel CCD Linear Image Sensor (B/W)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX521 Datasheet(HTML) 2 Page - Sony Corporation

  ILX521 Datasheet HTML 1Page - Sony Corporation ILX521 Datasheet HTML 2Page - Sony Corporation ILX521 Datasheet HTML 3Page - Sony Corporation ILX521 Datasheet HTML 4Page - Sony Corporation ILX521 Datasheet HTML 5Page - Sony Corporation ILX521 Datasheet HTML 6Page - Sony Corporation ILX521 Datasheet HTML 7Page - Sony Corporation ILX521 Datasheet HTML 8Page - Sony Corporation ILX521 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
– 2 –
ILX521A
Pin Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
11
12
GND
VOUT
TEST
φCLK
S/H SW
φROG
NC
VDD
NC
NC
NC
NC
GND
Signal output
Test (open)
Clock pulse input
Switching of with S/H or without S/H
Readout gate pulse input
NC
5V power supply
NC
NC
NC
NC
Input Pin Capacity
C
φCLK
C
φROG
Min.
—
—
Typ.
10
10
Max.
—
—
Unit
pF
pF
Item
Symbol
Input capacity of
φCLK pin
Input capacity of
φROG pin
Input Clock Voltage Condition∗1
High level
Low level
Min.
Symbol
4.5
0
VIH
VIL
Typ.
VDD
—
Max.
VDD + 0.5
0.5
Unit
V
V
Item
∗1 This is applied to the all external pulses. (φCLK, φROG)
Mode Description
Used mode
with S/H
without S/H
Pin 5 S/H SW
GND
VDD
Recommended Voltage
Item
VDD
Min.
4.75
Typ.
5.0
Max.
5.25
Unit
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com