Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBMM25SC Datasheet(PDF) 100 Page - ITT Industries

Part # DBMM25SC
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25SC Datasheet(HTML) 100 Page - ITT Industries

Back Button DBMM25SC Datasheet HTML 96Page - ITT Industries DBMM25SC Datasheet HTML 97Page - ITT Industries DBMM25SC Datasheet HTML 98Page - ITT Industries DBMM25SC Datasheet HTML 99Page - ITT Industries DBMM25SC Datasheet HTML 100Page - ITT Industries DBMM25SC Datasheet HTML 101Page - ITT Industries DBMM25SC Datasheet HTML 102Page - ITT Industries DBMM25SC Datasheet HTML 103Page - ITT Industries DBMM25SC Datasheet HTML 104Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
99
D Subminiature
Commercial Micro D — MDSM
PCB Connector 90
° - Single
PCB Connector 90
° - Stacked
No. of
Contacts
Part Numbers - Single
Thumbscrew
Push/Pull
A
max.
B
C
max.
D
max.
E
F
±0,05 (.002)
9
MDSM-9PE-Z10-VR25*
MDSM-9E-Z42-VR25*
19,90 (.783)
14,35 (.565)
8,60 (.339)
9,00 (.354)
5,08 (.200)
10,24 (.403)
15
MDSM-15PE-Z10-VR22
MDSM-15PE-Z42-VR22
23,60 (.929)
18,16 (.715)
12,30 (.484)
12,90 (.508)
8,89 (.350)
14,01 (.551)
25
MDSM-25PE-Z10-VR17
MDSM-25PE-Z42-VR17
29,95 (1.179)
24,51 (.965)
18,65 (.734)
19,25 (.758)
15,24 (.600)
20,35 (.801)
*For use with SSA applications
No. of
Contacts
Part Numbers - Stacked
Thumbscrew
Push/Pull
A
max.
B
C
max.
D
max.
E
F
18
MDSM-18PE-Z10-VR25*
MDSM-18PE-Z42-VR25*
19,90 (.783)
14,35 (.565)
8,60 (.339)
9,00 (.354)
5,08 (.200)
10,24 (.403)
30
MDSM-30PE-Z10-VR22
MDSM-30PE-Z42-VR22
23,50 (.925)
18,16 (.715)
12,30 (.484)
12,71 (.500)
8,89 (.350)
14,00 (.551)
*For use with SSA applications
Note: Standard jackpost offering recommended for use with .060 panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com