Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX533KB Datasheet(PDF) 8 Page - Sony Corporation

Part # ILX533KB
Description  2700 pixel X 3 line CCD Linear Sensor (Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX533KB Datasheet(HTML) 8 Page - Sony Corporation

Back Button ILX533KB Datasheet HTML 3Page - Sony Corporation ILX533KB Datasheet HTML 4Page - Sony Corporation ILX533KB Datasheet HTML 5Page - Sony Corporation ILX533KB Datasheet HTML 6Page - Sony Corporation ILX533KB Datasheet HTML 7Page - Sony Corporation ILX533KB Datasheet HTML 8Page - Sony Corporation ILX533KB Datasheet HTML 9Page - Sony Corporation ILX533KB Datasheet HTML 10Page - Sony Corporation ILX533KB Datasheet HTML 11Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
– 8 –
ILX533KB
Example of Representative Characteristics (VDD = 12V, Ta = 25°C)
1
0.8
0.6
0.4
0.2
0
Wavelength [nm]
Spectral sensitivity characteristics (Standard characteristics)
1
0
Ta – Ambient temperature [°C]
Dark signal output temperature characteristics
(Standard characteristics)
10
5
0.5
0.1
10
20
30
40
50
60
1
τ int – Integration time [ms]
Integration time output voltage characteristics
(Standard characteristics)
1
0.5
0.1
5
10
VDD [V]
Offset level vs. VDD characteristics
(Standard characteristics)
12
12
10
8
6
4
2
0
11.4
12.6
Ta = 25°C
∆VOS
∆VDD
0.6
Ta – Ambient temperature [°C]
Offset level vs. temperature characteristics
(Standard characteristics)
12
10
8
6
4
2
0
0
∆VOS
∆Ta
+0.5mV/°C
10
20
30
40
50
60
400
450
500
550
600
650
700



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com