Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7821 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # IRF7821
Description  6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

IRF7821 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  IRF7821 Datasheet HTML 1Page - Richtek Technology Corporation IRF7821 Datasheet HTML 2Page - Richtek Technology Corporation IRF7821 Datasheet HTML 3Page - Richtek Technology Corporation IRF7821 Datasheet HTML 4Page - Richtek Technology Corporation IRF7821 Datasheet HTML 5Page - Richtek Technology Corporation IRF7821 Datasheet HTML 6Page - Richtek Technology Corporation IRF7821 Datasheet HTML 7Page - Richtek Technology Corporation IRF7821 Datasheet HTML 8Page - Richtek Technology Corporation IRF7821 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
DS8298-01
November 2011
www.richtek.com
RT8298
Copyright
2011 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Functional Pin Description
Pin No.
WDFN-14L 4x3
SOP-8
(Exposed Pad)
Pin Name
Pin Function
1
6
FB
Feedback Input. This pin is connected to the converter output. It
is used to set the output of the converter to regulate to the
desired value via an external resistive divider. The feedback
reference voltage is 0.808V typically.
2
--
PGOOD
Power Good Indicator with Open Drain. (for RT8298ZQW only)
A 100k
Ω pull-high resistor is needed. The output of this pin is
pulled to low when the FB is lower than 0.75V; otherwise it is
high impedance.
3
7
EN/SYNC
Enable
or External Frequency
Synchronization
Input. A
logic-high (2V < EN < 5.5V) enables the converter; a logic-low
forces the IC into shutdown mode reducing the supply current to
less than 3
μA. For external frequency synchronization operation,
the available frequency range is from 300kHz to 1.5MHz.
4, 5, 6
8
VIN
Power Input. The available input voltage range is from 4.5V to
24V. A 22
μF or larger input capacitor is needed to reduce
voltage spikes at the input.
7
--
NC
No Internal Connection.
8, 9, 10
1
SW
Switching Node. Output of the internal high side MOSFET.
Connect this pin to external low-side N-MOSFET, inductor and
bootstrap capacitor.
11
2
BOOT
Bootstrap for High side Gate Driver. Connect a 1
μF ceramic
capacitor between the BOOT pin and SW pin.
12
3
VCC
BG Driver Bias Supply. Decouple with a 1
μF X5R/X7R ceramic
capacitor between the VCC pin and GND.
13
4
BG
Gate Driver Output. Connect this pin to the gate of the external
low-side N-MOSFET.
14,
15 (Exposed Pad)
5,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and
connected to GND for maximum thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com