Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2516 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT2516
Description  2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2516 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT2516 Datasheet HTML 1Page - Richtek Technology Corporation RT2516 Datasheet HTML 2Page - Richtek Technology Corporation RT2516 Datasheet HTML 3Page - Richtek Technology Corporation RT2516 Datasheet HTML 4Page - Richtek Technology Corporation RT2516 Datasheet HTML 5Page - Richtek Technology Corporation RT2516 Datasheet HTML 6Page - Richtek Technology Corporation RT2516 Datasheet HTML 7Page - Richtek Technology Corporation RT2516 Datasheet HTML 8Page - Richtek Technology Corporation RT2516 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT2516
2
DS2516-01
July 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Function Block Diagram
Pin No.
Pin Name
Pin Function
1, 4, 5
NC
No Internal Connection.
2
EN
Chip Enable (Active-High). Pulling this pin below 0.4V turns the regulator off,
reducing the quiescent current to a fraction of its operating value. The device will
be enabled if this pin is left open. Connect to VIN if not being used.
3
VIN
Input voltage. For regulation at full load, the input to this pin must be between
(VOUT + 0.5V) and 6V. Minimum input voltage is 1.4V. A large bulk capacitance
should be placed closely to this pin to ensure that the input supply does not sag
below 1.4V. Also a minimum of 10
μF ceramic capacitor should be placed directly at
this pin.
6
VOUT
Output Voltage. A minimum of 10
μF capacitor should be placed directly at this pin.
7
ADJ
If connected to the VOUT pin, the output voltage will be set at 0.5V. If external
feedback resistors are used, the output voltage will be determined by the resistor
ratio.
8,
9 (Exposed pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to GND
for maximum power dissipation.
Typical Application Circuit
Figure 1. Adjustable Voltage Regulator
+
-
Reference
Generator
0.5V
Thermal
Shutdown
0.5µA
VIN
VPUMP
-
+
RSENSE
EN
VIN
GND
ADJ
VOUT
VIN
+
-
VIN
VOUT
Reverse Voltage
Shutdown
EN
ADJ
VOUT
RT2516
GND
VIN
VIN
10µF
VOUT
10µF
C2
R1
R2
OUT
0.5(R1+R2)
V
=
(V)
R2
6
7
C1
3
Chip Enable
2
8,
9 (Exposed Pad)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com