Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHW9182 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MHW9182
Description  18 dB GAIN 750/860/1000 MHz 110/128/152 CHANNEL CATV AMPLIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW9182 Datasheet(HTML) 2 Page - Motorola, Inc

  MHW9182 Datasheet HTML 1Page - Motorola, Inc MHW9182 Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MHW7182 MHW8182 MHW9182
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (VCC = 24 Vdc; TC = +30°C, 75 ohm system, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Cross Modulation Distortion
(Vout = + 40 dBmV/ch, 110–Channel @ Fm = 55.25 MHz)
MHW7182
(Vout = + 38 dBmV/ch, 128–Channel @ Fm = 55.25 MHz)
MHW8182
(Vout = + 38 dBmV/ch, 152–Channel @ Fm = 55.25 MHz)
MHW9182
XMD110
XMD128
XMD152
—
—
—
–68
–68
–68
–64
–60
–59
dBc
Composite Triple Beat
(Vout = + 40 dBmV/ch, 110–Channels, Worst Case)
MHW7182
(Vout = + 38 dBmV/ch, 128–Channels, Worst Case)
MHW8182
(Vout = + 38 dBmV/ch, 152–Channels, Worst Case)
MHW9182
CTB110
CTB128
CTB152
—
—
—
–64
–62
–61
–62
–60
–59
dBc
Noise Figure
f = 50 MHz
f = 750 MHz
MHW7182
f = 860 MHz
MHW8182
f = 1000 MHz
MHW9182
NF
—
—
—
—
3.6
5.5
6.0
6.5
5.0
6.5
7.0
8.0
dB
DC Current
IDC
180
210
240
mA
PACKAGE DIMENSIONS
CASE 714–06
ISSUE K
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. RF INPUT
2. GROUND
3. GROUND
4. DELETED
5. VDC
6. DELETED
7. GROUND
8. GROUND
9. RF OUTPUT
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
–––
1.775
–––
45.08
B
–––
1.085
–––
27.56
C
–––
0.840
–––
21.34
D
0.018
0.022
0.46
0.56
E
0.465
0.510
11.81
12.95
F
0.300
0.325
7.62
8.25
G
0.100 BSC
2.54 BSC
J
0.156 BSC
3.96 BSC
K
0.315
0.355
8.00
8.50
L
1.00 BSC
25.40 BSC
N
0.165 BSC
4.10 BSC
P
0.100 BSC
2.54 BSC
Q
0.148
0.168
3.76
4.27
R
–––
0.595
–––
15.11
S
1.500 BSC
38.10 BSC
U
0.200 BSC
5.08 BSC
V
0.280 BSC
7.11 BSC
W
0.435
0.450
11.05
11.43
–A–
–Z–
–F–
B
S
V
R
Q
M
F
M
0.25 (0.010)
A M
T
T
M
0.25 (0.010)
A M
Z
2 PL
T
M
0.25 (0.010)
A M
D 7 PL
C
P
K
W
U
N
G
L
–E–
–T–
6–32UNC–2B 2 PL
12 3
5
7 8 9
J
How to reach us:
USA / EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
MHW7182/D
*MHW7182/D*
◊



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com