Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX751 Datasheet(PDF) 2 Page - Sony Corporation

Part # ILX751
Description  2048-pixel CCD Linear Sensor (B/W)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX751 Datasheet(HTML) 2 Page - Sony Corporation

  ILX751 Datasheet HTML 1Page - Sony Corporation ILX751 Datasheet HTML 2Page - Sony Corporation ILX751 Datasheet HTML 3Page - Sony Corporation ILX751 Datasheet HTML 4Page - Sony Corporation ILX751 Datasheet HTML 5Page - Sony Corporation ILX751 Datasheet HTML 6Page - Sony Corporation ILX751 Datasheet HTML 7Page - Sony Corporation ILX751 Datasheet HTML 8Page - Sony Corporation ILX751 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
– 2 –
ILX751A
Unit
pF
pF
pF
Max.
—
—
—
Typ.
10
10
10
Min.
—
—
—
Symbol
C
φCLK
C
φROG
C
φSHUT
Item
Input capacity of
φCLK pin
Input capacity of
φROG pin
Input capacity of
φSHUT pin
Input Capacity of Pins
Item
Unit
V
V
Max.
9.5
5.25
Typ.
9.0
5.0
Min.
8.5
4.75
Item
VDD1
VDD2
Recommended Supply Voltage
Pin condition
Pin 4 SHSW
GND
VDD2
Mode in use
S/H
Yes
No
Mode Description
Unit
V
V
Max.
5.5
0.5
Typ.
5.0
—
Min.
4.5
0.0
Input clock high level
Input clock low level
Recommended Input Pulse Voltage
Pin Description
Pin
No.
Symbol
Description
1
2
3
4
5
6
7
8
9
10
11
VOUT
NC
NC
SHSW
φCLK
NC
NC
VDD2
φSHUT
NC
φROG
Signal output
NC
NC
with S/H
→ GND
Switch
without S/H
→ VDD2
Clock pulse
NC
NC
5V power supply
Shutter pulse
NC
Clock pulse
Pin
No.
Symbol
Description
12
13
14
15
16
17
18
19
20
21
22
GND
NC
NC
NC
NC
GND
NC
GND
'
VDD1
VDD2
VDD2
GND
NC
NC
NC
NC
GND
NC
GND
9V power supply
5V power supply
5V power supply
Note) Rules for raising and lowering power supply voltage
To raise power supply voltage, first raise VDD1 (9V) and then VDD2 (5V).
To lower voltage, first lower VDD2 (5V) and then VDD1 (9V).
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com