Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9595 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9595
Description  MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9595 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9595 Datasheet HTML 1Page - Richtek Technology Corporation RT9595 Datasheet HTML 2Page - Richtek Technology Corporation RT9595 Datasheet HTML 3Page - Richtek Technology Corporation RT9595 Datasheet HTML 4Page - Richtek Technology Corporation RT9595 Datasheet HTML 5Page - Richtek Technology Corporation RT9595 Datasheet HTML 6Page - Richtek Technology Corporation RT9595 Datasheet HTML 7Page - Richtek Technology Corporation RT9595 Datasheet HTML 8Page - Richtek Technology Corporation RT9595 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9595
2
DS9595-04
March 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Typical Application Circuit
IPEAK
Maximum
Off
Enable
STAT
CS
GND
SW
CHARGE
SQ
R
+
-
0.8V
+
-
1V
FB
VDD
DRVOUT
DRVIN
DCM
SW
Sense
OVP
SW
FB
SW
DRVIN
DRVOUT
CHARGE
CS
STAT
VDD
RT9595
1 : N
2
4
8
7
10
6
3
5
Strobe
R3
COUT
100µF/
330V
R1
1k
R2
150k
150k
VOUT
GSD2004S
IGBT
Gate
R4
1µF
100k
C1
VBAT
47µF
54k
3.3V/5V
RCS
C2
GND
54k
R5
GPIO
(Floating/GND)
1, Exposed Pad (11)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com