Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCX005BKB Datasheet(PDF) 3 Page - Sony Corporation

Part # LCX005BKB
Description  1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

LCX005BKB Datasheet(HTML) 3 Page - Sony Corporation

  LCX005BKB Datasheet HTML 1Page - Sony Corporation LCX005BKB Datasheet HTML 2Page - Sony Corporation LCX005BKB Datasheet HTML 3Page - Sony Corporation LCX005BKB Datasheet HTML 4Page - Sony Corporation LCX005BKB Datasheet HTML 5Page - Sony Corporation LCX005BKB Datasheet HTML 6Page - Sony Corporation LCX005BKB Datasheet HTML 7Page - Sony Corporation LCX005BKB Datasheet HTML 8Page - Sony Corporation LCX005BKB Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
– 3 –
LCX005BKB
Absolute Maximum Ratings (VSS = 0V)
• H and V driver supply voltages
VDD
–1.0 to +17
V
• H driver input pin voltage
HST, HCK1, HCK2
–1.0 to +17
V
RGT
• V driver input pin voltage
VST, VCK1, VCK2
–1.0 to +17
V
CLR, EN
• Video signal input pin voltage
GREEN, RED, BLUE
–1.0 to +15
V
• Operating temperature
Topr
–10 to +70
°C
• Storage temperature
Tstg
–30 to +85
°C
Operating Conditions (VSS = 0V)
Supply voltage
VDD
13.5±0.5
V
Input pulse voltage (Vp-p of all input pins except video signal input pins)
Vin
2.8V (more than)
Pin Description
Pin
No.
1
2
3
4
(5)
6
7
8
COM
GREEN
RED
BLUE
(NC)
HCK1
HCK2
HST
Common voltage of panel
Video signal (G) to panel
Video signal (R) to panel
Video signal (B) to panel
Not connected
Clock pulse for H shift register
drive
Clock pulse for H shift register
drive
Start pulse for H shift register
drive
9
10
11
12
13
14
15
16
RGT
CLR
EN
VCK1
VCK2
VST
Vss
VDD
Drive direction pulse for H shift
register (H: normal, L: reverse)
Improvement pulse for
uniformity
Enable pulse for gate selection
Clock pulse for V shift register
drive
Clock pulse for V shift register
drive
Start pulse for V shift register
drive
GND (H, V drivers)
Power supply for H and V drivers
Symbol
Description
Pin
No.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com